Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD9144-EBZ
Description  Multiple chip synchronization
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 61Page - Analog Devices AD9144-EBZ Datasheet HTML 62Page - Analog Devices AD9144-EBZ Datasheet HTML 63Page - Analog Devices AD9144-EBZ Datasheet HTML 64Page - Analog Devices AD9144-EBZ Datasheet HTML 65Page - Analog Devices AD9144-EBZ Datasheet HTML 66Page - Analog Devices AD9144-EBZ Datasheet HTML 67Page - Analog Devices AD9144-EBZ Datasheet HTML 68Page - Analog Devices AD9144-EBZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 126 page
background image
AD9144
Data Sheet
Rev. A | Page 64 of 125
21
25
10µF
10µH
10µF
42
46
VTT
35
67
75
77
85
SIOVDD33
AVDD33
3.3V
LINEAR
REGULATOR
1.2V
LINEAR
REGULATOR
1.2V
LINEAR
REGULATOR
1.2V
LINEAR
REGULATOR
NOTES
1. UNLABELED CAPACITORS ARE 0.1µF, AS CLOSE AS POSSIBLE TO DEVICE PIN(S), WITH MINIMUM DISTANCE
AND VIAS BETWEEN CAPACITORS AND PIN(S).
13
14
DVDD12
53
66
IOVDD
1.8V FPGA VCCIO
OR
OTHER SYSTEM SUPPLY
PVDD12
CVDD12
SVDD12
10µH
10µH
10µF
10µF
10µF
10µF
10µF
9
10
56
57
71
76
81
87
1
4
7
8
17
20
22
28
31
32
33
36
39
45
47
50
Figure 63. JESD204B Interface PCB Power Domain Recommendation
POWER
INPUT
+12V
+3.3V
AD9144
ADM7154-3.3
ADM7160-3.3
ADP1753
ADP2119
ADP1741
ADP1741
ADP2370
SVDD12 + VTT
DVDD12
CVDD12 + PVDD12
AVDD33
IOVDD + SIOVDD33
3.8V
1.8V
STEP-DOWN DDC
1.2MHz, 2A
BUCK
1.2MHz/600kHz
800mA
1.2V
1.2V
1.2V
3.3V
3.3V
Figure 64. Power Supply Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com