Electronic Components Datasheet Search
  English  ▼

X  

AD9144-EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9144-EBZ
Description  Multiple chip synchronization
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9144-EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9144-EBZ Datasheet HTML 15Page - Analog Devices AD9144-EBZ Datasheet HTML 16Page - Analog Devices AD9144-EBZ Datasheet HTML 17Page - Analog Devices AD9144-EBZ Datasheet HTML 18Page - Analog Devices AD9144-EBZ Datasheet HTML 19Page - Analog Devices AD9144-EBZ Datasheet HTML 20Page - Analog Devices AD9144-EBZ Datasheet HTML 21Page - Analog Devices AD9144-EBZ Datasheet HTML 22Page - Analog Devices AD9144-EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 126 page
background image
AD9144
Data Sheet
Rev. A | Page 18 of 125
–130
–135
–140
–145
–150
–155
–160
–165
–170
0
100
200
300
400
500
fOUT (MHz)
0dBFS
–6dBFS
–9dBFS
–12dBFS
Figure 16. Single-Tone NSD vs. fOUT over Digital Back Off,
fDAC = 983 MHz
–130
–135
–140
–145
–150
–155
–160
–165
–170
0
100
200
300
400
500
fOUT (MHz)
0dBFS
–6dBFS
–9dBFS
–12dBFS
Figure 17. Single-Tone NSD vs. fOUT over Digital Back Off,
fDAC = 1966 MHz
–130
–135
–140
–145
–150
–155
–160
–165
–170
0
100
200
300
400
500
fOUT (MHz)
PLL OFF
PLL ON
fDAC = 983MHz
fDAC = 1966MHz
Figure 18. Single-Tone NSD (0 dBFS) vs. fOUT,
fDAC = 983 MHz and 1966 MHz, PLL On and Off
fOUT = 30MHz
fOUT = 200MHz
fOUT = 400MHz
PLL: OFF
PLL: ON
OFFSET FREQUENCY (Hz)
–60
–80
–100
–120
–140
–160
–180
10
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
Figure 19. Single-Tone Phase Noise vs. Offset Frequency over fOUT,
fDAC = 2.0 GHz, PLL On and Off
Figure 20. 1C WCDMA ACLR, fOUT = 30 MHz,
fDAC = 983 MHz, 2× Interpolation, PLL Frequency = 122 MHz
Figure 21. 1C WCDMA ACLR, fOUT = 122 MHz,
fDAC = 983 MHz, 2× Interpolation, PLL Frequency = 122 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com