Electronic Components Datasheet Search
  English  ▼

X  

ADP5053 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP5053
Description  Wide input voltage range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP5053 Datasheet HTML 5Page - Analog Devices ADP5053 Datasheet HTML 6Page - Analog Devices ADP5053 Datasheet HTML 7Page - Analog Devices ADP5053 Datasheet HTML 8Page - Analog Devices ADP5053 Datasheet HTML 9Page - Analog Devices ADP5053 Datasheet HTML 10Page - Analog Devices ADP5053 Datasheet HTML 11Page - Analog Devices ADP5053 Datasheet HTML 12Page - Analog Devices ADP5053 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Rev 21 Jan 2014 15:09 | Page 9
When the USB dongle is connected to a PC port different from the one used to install the driver, the
PC device driver may ask you to install the driver again for that specific port. If this happens, repeat
the first four steps listed in this section.
USING THE EVALUATION BOARD
POWERING UP THE EVALUATION BOARD
The ADP5051/ADP5053 evaluation board is supplied fully assembled and tested. Before applying
power to the evaluation board, follow the procedures in this section.
Enable Jumpers
Each channel has its own enable pin, which must be pulled high to enable that channel (see Table 1).
To disable the channel, pull the enable pin low or leave it floating.
The enable control for each regulator has a 0.8 V precision enable threshold, which allows the
ADP5051/ADP5053 to be easily sequenced between channels or other input/output supplies. It can
also be used as a programmable UVLO input by the resistor divider.
When the external hardware enable pin is high, the CHx_ON enable register setting in the ADP5051
GUI software can be used to power down each channel operation.
Table 1. Channels of the Enable Pins
Channel Pin Enable Jumpers
Description
CH1: Buck EN1 J-EN1
0.8 V precision enable
CH2: Buck EN2 J-EN2
0.8 V precision enable
CH3: Buck EN3 J-EN3
0.8 V precision enable
CH4: Buck EN4 J-EN4
0.8 V precision enable
Power Input Jumpers
Each channel has its own power input jumper, which enables support for either a separate input
voltage or cascaded options for all channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com