Electronic Components Datasheet Search
  English  ▼

X  

ADP5053 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5053
Description  Wide input voltage range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5053 Datasheet HTML 14Page - Analog Devices ADP5053 Datasheet HTML 15Page - Analog Devices ADP5053 Datasheet HTML 16Page - Analog Devices ADP5053 Datasheet HTML 17Page - Analog Devices ADP5053 Datasheet HTML 18Page - Analog Devices ADP5053 Datasheet HTML 19Page - Analog Devices ADP5053 Datasheet HTML 20Page - Analog Devices ADP5053 Datasheet HTML 21Page - Analog Devices ADP5053 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Rev 21 Jan 2014 15:09 | Page 18
Measure the inductor current by removing one end of the inductor from its pad and connecting a
current loop in series. A current probe can be connected to this wire.
Modifying the Board
Setting the Output Voltage of the Bucks (CH1 to CH4)
The buck output voltage is set through external resistor dividers, shown in Figure 19 for Buck 1.
Optionally, the output voltage can be factory programmed to default values, as indicated in the
ADP5051/ADP5053 data sheet. FB1 must be connected to the top of the capacitor on VOUT1 by
placing a 0 Ω resistor on R
TOP. In an output adjustable version, the equation for the output voltage
setting is
The V
REF voltage (FB1, FB2, FB3, FB4) for the buck regulators is 0.800 V in the adjustable version.
Figure 19. Buck 1 External Output Voltage Setting
When the output voltage of the bucks are changed, the values of inductors, output capacitors, and
compensation networks might, likewise, need to be recalculated and changed for stable operation.
See the ADP5051/ADP5053 data sheet for more details on external components selection.
Setting the POR Threshold Voltage
The monitoring voltage can be set through external resistor dividers, as well (see Figure 20). The
equation for the monitoring voltage is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com