Electronic Components Datasheet Search
  English  ▼

X  

ADP5053 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5053
Description  Wide input voltage range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5053 Datasheet HTML 20Page - Analog Devices ADP5053 Datasheet HTML 21Page - Analog Devices ADP5053 Datasheet HTML 22Page - Analog Devices ADP5053 Datasheet HTML 23Page - Analog Devices ADP5053 Datasheet HTML 24Page - Analog Devices ADP5053 Datasheet HTML 25Page - Analog Devices ADP5053 Datasheet HTML 26Page - Analog Devices ADP5053 Datasheet HTML 27Page - Analog Devices ADP5053 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Rev 21 Jan 2014 15:09 | Page 27
1
L2
Inductor, 2.2 µH, 7.1 A
Toko
FDV0530-2R2M
1
L3
Inductor, 4.7 µH, 2.7 A
Coilcraft
XAL4020-472
1
L4
Inductor, 10 µH, 2.3 A
Taiyo Yuden
NR5040T-100M
5
C1, C3, C4, C5, C13
Capacitor, MLCC, 0.1 µF, 16 V,
0402
Murata
GRM155R71C104KA88D
2
C2, C14
Capacitor, MLCC, 1 µF, 6.3 V,
0402
Murata
GRM155R60J105KE19D
2
C7, C8
Capacitor, MLCC, 560 pF, 50
V, 0402
Murata
GRM155R71H561KA01D
2
C9, C10
Capacitor, MLCC, 2.7 nF, 50 V,
0402
Murata
GRM2165C1H272JA01D
1
R2
Resistor, 4.99 kΩ, 1%, 0402
Panasonic
ERJ-2RKF4991X
1
R3
Resistor, 32.4 kΩ, 1%, 0402
Panasonic
ERJ-2RKF2322X
1
R4
Resistor, 31.6 kΩ, 1%, 0402
Vishay
CRCW040231K6F
1
R5
Resistor, 52.3 kΩ, 1%, 0402
Vishay
CRCW040252K3F
1
R6
Resistor, 12.4 kΩ, 1%, 0402
Panasonic
ERJ-2RKF1242X
2
R7, R8
Resistor, 22 kΩ, 1%, 0402
Panasonic
ERJ-2GEJ223X
2
R12, R17
Resistor, 20 kΩ, 1%, 0402
Panasonic
ERJ-2RKF2002X
11
R13, R19, R24 to R26,
R28 to R31, R58, R61
Resistor, 10 kΩ, 1%, 0402
Panasonic
ERJ-2RKF1002X
1
R15
Resistor, 10 kΩ, 1%, 0603
Vishay
CRCW060310K0F
2
R39, R40
Resistor, 0 kΩ, 1%, 0402
Panasonic
ERJ-2GE0R00X
1
R20
Resistor, 24 kΩ, 1%, 0402
Panasonic
ERJ-2RKF2402
3
D1, D2, D3
LED, 0603
Panasonic
LNJ208R8ARA
6
J-EN1, J-EN2, J-EN3,
J-EN4, J-SYNC, JP2
3-Pin Header
Samtec
TSW-103-08-G-S
16
J11, J12, J15 to J22, LK7,
LK8, S1, S2, S3, S4
2-Pin Header
Samtec
TSW-150-07-T-S
1
SW1
Switcher button
MULTICOMP
MC32829
10
TP9, TP10, TP11, nINT,
VREG, VDDIO, PWRGD,
WDI, NMR, NRSTO
Test Point, 1206
MAC8
HK-1-G
10
R16, R18, R53 to R57,
R59, R60, R62
No assembly
No assembly
No assembly
6
COUT_1, COUT_7,
COUT_8 COUT_11,
COUT_12, COUT_13
No assembly
No assembly
No assembly
RELATED LINKS
Resource
Description
ADP5051
4-channel integrated power solution with quad buck regulators and POR/WDI with an I2C
interface
ADP5053 4-channel integrated power solution with quad buck regulators and POR/WDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com