Electronic Components Datasheet Search
  English  ▼

X  

ADP5053 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5053
Description  Wide input voltage range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5053 Datasheet HTML 15Page - Analog Devices ADP5053 Datasheet HTML 16Page - Analog Devices ADP5053 Datasheet HTML 17Page - Analog Devices ADP5053 Datasheet HTML 18Page - Analog Devices ADP5053 Datasheet HTML 19Page - Analog Devices ADP5053 Datasheet HTML 20Page - Analog Devices ADP5053 Datasheet HTML 21Page - Analog Devices ADP5053 Datasheet HTML 22Page - Analog Devices ADP5053 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Rev 21 Jan 2014 15:09 | Page 19
The voltage of VTH is 0.500 V.
Figure 20. Monitoring Voltage Threshold Setting
External Resistor Divider Setting for Bucks and POR
The ADP5051/ADP5053 evaluation boards are supplied with the resistor divider for a target output
voltage. Varying the resistor values of the resistor divider networks varies the output voltage
accordingly. Table 3 shows the external resistor divider for each channel.
Table 3. External Resistor Dividers in Each Channel
Resistor Divider Buck 1 Buck 2 Buck 3 Buck 4
R
TOP
R2
R4
R6
R5
R
BOT
R28
R29
R31
R30
The POR function, by default, monitors the Channel 2 output voltage; optionally, another channel can
be selected using VOUT1, VOUT3, or VOUT4. Table 4 lists the external resistor for each channel.
Table 4. External Resistor Dividers for VTH Setting
Resistor Divider Buck 1 Buck 2 Buck 3 Buck 4
R
TOP
R62
R61
R60
R59
R
BOT
R13
R13
R13
R13
Changing the Switching Frequency
The switching frequency of theADP5051/ADP5053 on the evaluation board is programmed at 650 kHz.
To change the switching frequency, replace the R3 resistor at the RT pin with a different value, as
shown in Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com