Electronic Components Datasheet Search
  English  ▼

X  

ADP5053 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5053
Description  Wide input voltage range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5053 Datasheet HTML 18Page - Analog Devices ADP5053 Datasheet HTML 19Page - Analog Devices ADP5053 Datasheet HTML 20Page - Analog Devices ADP5053 Datasheet HTML 21Page - Analog Devices ADP5053 Datasheet HTML 22Page - Analog Devices ADP5053 Datasheet HTML 23Page - Analog Devices ADP5053 Datasheet HTML 24Page - Analog Devices ADP5053 Datasheet HTML 25Page - Analog Devices ADP5053 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Rev 21 Jan 2014 15:09 | Page 22
internal unmasked PWRGD signal.
With the ADP5051 only, each immediate PWRGD signal in each buck can be read back by the
PWRGDx bit in the ADP5051 GUI software. The only desirable channels from Channel 1 to Channel 4
can be configured by factory fuse or I2C interface. Use the ADP5051 GUI software to configure
MASK_CHx in Register 0x08 to obtain a desirable PWRGD output signal.
Changing the Interrupt Output Options
With the ADP5051 only, use the
pin for the fault condition warning. During normal operation, the
interrupt output is pulled high. When any fault occurs, the ADP5050 pulls the
pin low to raise the
fault warning to the I2C host. There are six interrupt sources available in the ADP5051, as shown in
Table 6.
Table 6. Interrupt Options in ADP5051
Name
Description
PWRG1_INT Power-good failure detected on Channel 1
PWRG2_INT Power-good failure detected on Channel 2
PWRG3_INT Power-good failure detected on Channel 3
PWRG4_INT Power-good failure detected on Channel 4
LVIN_INT
PVIN1 voltage drops below the specified threshold (adjustable in Register 7)
TEMP_INT
Junction temperature rises above the specified threshold (adjustable in Register 7)
MR_INT
The
button has been pressed
The interrupt (if any) that appears on the
pin is determined by the mask bits mapped in Register
INT_MASK. To clear an interrupt, write 1b to the detected bit in INT_STATUS, or reset the device using
UVLO.
Reading the interrupt or writing a 0b has no effect.
Enabling the Overheat Detection (ADP5051 Only)
In addition to the thermal shutdown protection, the ADP5051 has another overheat warning function,
which compares the junction temperature against the specified overheat threshold: 105°C, 115°C, or
125°(adjustable in Register 8, TEMP_TH).
Unlike thermal shutdown, the overheat warning function only sends out a warning signal without any
shutdown. When the junction temperature rises above the threshold, the status bit, TEMP_INT, goes
high. To clear the TEMP_INT status bit, write 1b to the status bit. The TEMP_INT bit status is latched
until the bit is cleared.
Use the ADP5051 GUI software to set the TEMP_TH register to enable the overheat feature. Configure
TEMP_INT to source this overheat fault into the
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com