Electronic Components Datasheet Search
  English  ▼

X  

ADP5053 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5053
Description  Wide input voltage range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5053 Datasheet HTML 6Page - Analog Devices ADP5053 Datasheet HTML 7Page - Analog Devices ADP5053 Datasheet HTML 8Page - Analog Devices ADP5053 Datasheet HTML 9Page - Analog Devices ADP5053 Datasheet HTML 10Page - Analog Devices ADP5053 Datasheet HTML 11Page - Analog Devices ADP5053 Datasheet HTML 12Page - Analog Devices ADP5053 Datasheet HTML 13Page - Analog Devices ADP5053 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Rev 21 Jan 2014 15:09 | Page 10
The power input for the buck regulators is 4.5 V to 15 V. Shunt S1, S2, and S3 to allow for easy setup
by using all of the same input voltages for the buck regulators.
The power supply for the VDDIO pin in the I2C interface block is 1.7 V to 3.6 V; shunt LK7 to use VDD
(3.0 V) as the VDDIO supply. See Table 2 for the power input details.
Table 2. Channels of Power Input Pins
Channel Pin
Input Jumper Input Range
CH1: Buck PVIN1 J11
4.5 V to 15 V
CH2: Buck PVIN2 S1
4.5 V to 15 V
CH3: Buck PVIN3 S2
4.5 V to 15 V
CH4: Buck PVIN4 S3
4.5 V to 15 V
VDDIO
VDDIO LK7
1.7 V to 3.6 V
Jumper J-SYNC (SYNC/MODE)
The Jumper J-SYNC, as shown in Figure 1, connects the SYNC/MODE pin of the device to either low or
high. Shunt the center contact of the J-SYNC jumper (SYNC/MODE) to the left pin header to pull the
SYNC/MODE pin high to VREG (5 V) to allow the buck regulators into forced PWM operation. In this
setting, use the PSMx_ON register setting in the ADP5051 GUI software to configure individual
PSM/FPWM operation for each buck.
Shunt the center contact of the J-SYNC jumper to the right pin header to pull the MODE pin low, which
forces the buck regulators to operate in automatic PWM/PSM operation. The PSMx_ON setting in the
ADP5051 GUI software is ignored.
Input Power Source
Before connecting the power source to the ADP5051/ADP5053 evaluation boards, ensure that the
evaluation board is turned off. If the input power source includes a current meter, use that meter to
monitor the input current. Connect the positive terminal of the power source to the PVIN1_4 terminal
(J11) on the evaluation board, and connect the negative terminal of the power source to the GND
terminal (J12) of the board.
If the power source does not include a current meter, connect a current meter in series with the input
source voltage. Connect the positive terminal of the power source to the positive lead (+) of the
current meter, connect the negative terminal of the power source to the GND terminal (J12) on the
evaluation board, and the connect the negative lead (−) of the current meter to the PVIN1_4 terminal
(J11) on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com