Electronic Components Datasheet Search
  English  ▼

X  

ADP5053 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5053
Description  Wide input voltage range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5053 Datasheet HTML 13Page - Analog Devices ADP5053 Datasheet HTML 14Page - Analog Devices ADP5053 Datasheet HTML 15Page - Analog Devices ADP5053 Datasheet HTML 16Page - Analog Devices ADP5053 Datasheet HTML 17Page - Analog Devices ADP5053 Datasheet HTML 18Page - Analog Devices ADP5053 Datasheet HTML 19Page - Analog Devices ADP5053 Datasheet HTML 20Page - Analog Devices ADP5053 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Rev 21 Jan 2014 15:09 | Page 17
Figure 17. Buck Line Regulation
Measuring Efficiency of the Buck
Measure the efficiency, η, by comparing the input power with the output power.
To reduce the effect of IR drops, measure the input and output voltages as near as possible to the
input and output capacitors.
Figure 18. Buck1/Buck2 Efficiency, V
IN = 12 V, fSW = 600 kHz,
MOSFET = SI7232DN, FPWM and PSM Mode
Measuring Inductor Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com