Electronic Components Datasheet Search
  English  ▼

X  

ADP5053 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5053
Description  Wide input voltage range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5053 Datasheet HTML 20Page - Analog Devices ADP5053 Datasheet HTML 21Page - Analog Devices ADP5053 Datasheet HTML 22Page - Analog Devices ADP5053 Datasheet HTML 23Page - Analog Devices ADP5053 Datasheet HTML 24Page - Analog Devices ADP5053 Datasheet HTML 25Page - Analog Devices ADP5053 Datasheet HTML 26Page - Analog Devices ADP5053 Datasheet HTML 27Page - Analog Devices ADP5053 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Rev 21 Jan 2014 15:09 | Page 26
Figure 26. Bottom Layer, Recommended Layout for the ADP5051/ADP5053 Evaluation Board
Ordering Information
Bill of Materials
Note that connection points listed in the Reference Designator column match the imprint on the
evaluation board. When these refer to pin connections, the imprint may not match the pin name
exactly, for example, NMR rather than
.
Table 7. Bill of Materials
Qty.
Reference
Designator
Description
Manufacturer
Part Number
1
U1
Micro PMU
Analog Devices ADP5051 or ADP5053
1
U2
Dual MOSFETs, 16.4 mΩ
Vishay
Si7232DN
4
CIN_1, CIN_2, CIN_3,
CIN_4
Capacitor, MLCC, 10 µF, 25 V,
1206
Murata
GRM31CR61E106KA12L
4
COUT_2, COUT_3,
COUT_4, COUT_6
Capacitor, MLCC, 47 µF, 6.3 V,
0805
Murata
GRM21BR60J476ME15
2
COUT_9, COUT_10
Capacitor, MLCC, 22 µF, 6.3 V,
0805
T-Y
LMK212BJ226MG-T
1
L1
Inductor, 1.0 µH, 11.2 A
Toko
FDV0530-1R0M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com