Electronic Components Datasheet Search
  English  ▼

X  

ADP5053 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP5053
Description  Wide input voltage range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP5053 Datasheet HTML 7Page - Analog Devices ADP5053 Datasheet HTML 8Page - Analog Devices ADP5053 Datasheet HTML 9Page - Analog Devices ADP5053 Datasheet HTML 10Page - Analog Devices ADP5053 Datasheet HTML 11Page - Analog Devices ADP5053 Datasheet HTML 12Page - Analog Devices ADP5053 Datasheet HTML 13Page - Analog Devices ADP5053 Datasheet HTML 14Page - Analog Devices ADP5053 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Rev 21 Jan 2014 15:09 | Page 11
Output Load
Ensure that the board is turned off before connecting the load.
Connect an electronic load or resistor to set the load current. If the load includes an ammeter, or if
the current is not measured, connect the load directly to the evaluation board, with the positive (+)
load connected to one of the channels. For example, connect Buck 1, J16 (VOUT1), and the negative
(−) load connection to J15 (GND).
If an ammeter is used, connect it in series with the load. Connect the positive (+) ammeter terminal
to the evaluation board for Buck 1, J16 (VOUT1), connect the negative (−) ammeter terminal to the
positive (+) load terminal, and connect the negative (−) load terminal to the evaluation board at J15
(GND).
Input and Output Voltmeters
Measure the input and output voltages with voltmeters. Ensure that the voltmeters are connected to
the appropriate evaluation board terminals and not to the load or power sources themselves.
If the voltmeters are not connected directly to the evaluation board, the measured voltages are
incorrect due to the voltage drop across the leads and/or connections between the evaluation board,
the power source, and/or the load.
Connect the input voltage measuring voltmeter positive terminal (+) to the evaluation board at J11
(PVIN1_4) and connect the input voltage measuring voltmeter negative (−) terminal to the evaluation
board at J12(GND). Connect the output voltage measuring voltmeter positive (+) terminal to the
evaluation board at J16 (VOUT1) for measuring the output voltage of Buck 1, and connect the output
voltage measuring voltmeter negative (−) terminal to the evaluation board at J15 (GND).
Quick Start
Ensure that the software and USB driver are installed as described in the Installing the Software
section. Ensure that
The power source voltage for the buck regulators (PVIN1, PVIN2, PVIN3, PVIN4) is 4.5 V to 15 V.
q
Shunt the S1, S2, and S3 jumpers to use all of the same input voltages for the buck regulators.
Optional for I2C interface evaluation: shunt LK7 to use VDD as the VDDIO supply, and connect the
q
USB dongle to the I2C head jumper in the board.
Input the WDI toggle signal, which is required as an evaluation WDI feature.
q
Use the J-EN1, J-EN2, J-EN3, and J-EN4 jumpers to enable or disable the desirable channel.
q
Figure 10 shows the ADP5051 board connection diagram. The ADP5053 works in a similar manner,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com