Electronic Components Datasheet Search
  English  ▼

X  

ADP5053 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5053
Description  Wide input voltage range
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5053 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5053 Datasheet HTML 19Page - Analog Devices ADP5053 Datasheet HTML 20Page - Analog Devices ADP5053 Datasheet HTML 21Page - Analog Devices ADP5053 Datasheet HTML 22Page - Analog Devices ADP5053 Datasheet HTML 23Page - Analog Devices ADP5053 Datasheet HTML 24Page - Analog Devices ADP5053 Datasheet HTML 25Page - Analog Devices ADP5053 Datasheet HTML 26Page - Analog Devices ADP5053 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Rev 21 Jan 2014 15:09 | Page 23
Enabling the Low Input Voltage Detection (ADP5051 Only)
In addition to the undervoltage lockout (UVLO), the ADP5051 includes a low input voltage detection
circuit (to monitor PVIN1 only) that compares the input voltage against the specified voltage threshold,
which is adjustable from 4.2 V to 11.2 V with 0.5 V steps in Register 8, TH_CFG.
Unlike the UVLO shutdown, the low input voltage warning function only sends out a warning signal
without any shutdown. When the input voltage drops below the threshold, the status bit, LVIN_INT,
goes high. To clear the LVIN_INT status bit, write 1b to the status bit. The LVIN_INT bit status is
latched until the bit is cleared.
Use the ADP5051 GUI software to set the LVIN_TH bit to enable the low input voltage detection
feature. Configure LVIN_INT to source the low input fault into the nINT pin.
Enabling the Dynamic Voltage Scaling (ADP5051 Only)
The ADP5051 provides a dynamic voltage scaling (DVS) function for Channel 1 and Channel 4, and
those outputs can be real-time settings via I2C interface. Because only fixed output options support
the DVS function, FB1 and FB4 must be connected to the output by placing a 0 Ω resistor on R
TOP.
Use the ADP5051 GUI software to set DVSx-INTVAL and enable DVSx-ON in Register 0x05. Then,
change the different VID options in the CHx VOUTx register to obtain a real-time output voltage step
up or step down.
Note that to avoid rapid output voltage changes to the next target value that result in abnormal
problems, such as PWRGD failure, OVP latch-off, or hiccup, enable the DVS function prior to
setting VID.
EVALUATION BOARD SCHEMATICS AND
ARTWORK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com