Electronic Components Datasheet Search
  English  ▼

X  

LM9627 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM9627 Datasheet HTML 24Page - National Semiconductor (TI) LM9627 Datasheet HTML 25Page - National Semiconductor (TI) LM9627 Datasheet HTML 26Page - National Semiconductor (TI) LM9627 Datasheet HTML 27Page - National Semiconductor (TI) LM9627 Datasheet HTML 28Page - National Semiconductor (TI) LM9627 Datasheet HTML 29Page - National Semiconductor (TI) LM9627 Datasheet HTML 30Page - National Semiconductor (TI) LM9627 Datasheet HTML 31Page - National Semiconductor (TI) LM9627 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Confidential
28
www.national.com
Register Set (continued)
Register Name Scan Window Row Start Register
Address
0B Hex
Mnemonic
SROWS
Type
Read/Write
Reset Value
00 Hex
Register Name Scan Window Row End Register
Address
0C Hex
Mnemonic
SROWE
Type
Read/Write
Reset Value
FB Hex
Register Name Display Window Row Start Register
Address
0E Hex
Mnemonic
DROWS
Type
Read/Write
Reset Value
00 Hex
Register Name Display Row End Register
Address
0F Hex
Mnemonic
DROWE
Type
Read/Write
Reset Value
FB Hex
Register Name Display Window Column Start Register
Address
10 Hex
Mnemonic
DCOLS
Type
Read/Write
Reset Value
00 Hex
Register Name Display Window Column End Register
Address
11 Hex
Mnemonic
DCOLE
Type
Read/Write
Reset Value
A5 Hex
Register Name Display Window LSB register
Address
12 Hex
Mnemonic
DWLSB
Type
Read/Write
Reset Value
32 Hex
Bit
Bit Symbol
Description
7:0
SwStartRow
Use to program the scan window’s
start row address MSBs. If bit 6 of
register DWLSB is set to 1 the
start row address is incremented
by 1 else the raw value is used.
Bit
Bit Symbol
Description
7:0
SwEndRow
Use to program the scan window’s
end row address MSBs. If bit 6 of
register DWLSB is set to 1 the end
row address is incremented by 1.
else the raw value is used.
Bit
Bit Symbol
Description
7:0
DwStartRow
Use to program the display win-
dow’s start row address MSBs.
The LSB can be programmed
using the DWLSB register.
Bit
Bit Symbol
Description
7:0
DwEndRow
Use to program the scan window’s
end row address. The LSB can be
programmed using the DWLSB
register.
Bit
Bit Symbol
Description
7:0
DwStartCol
Use to program the display win-
dow’s
start
column
address
MSBs. The two LSBs can be pro-
grammed using the DWLSB regis-
ter.
Bit
Bit Symbol
Description
7:0
DwEndCol
Use to program the scan window’s
end column address MSBs. The
two LSBs can be programmed
using the DWLSB register.
Bit
Bit Symbol
Description
7
Reserved
6
SwLsb
Assert to increment the value of
the scan window start and end
row addresses by 1. Clear (the
default) to use the raw values.
5
DwCel[1]
Use to program bit 1 of the display
window’s end column address.
Default is 1.
4
DwCel[0]
Use to program bit 0 of the display
window’s end column address.
Default is 1.
3
DwCSL[1]
Use to program bit 1 of the display
window’s start column address.
Default is 0.
2
DwCSL [0]
Use to program bit 0 of the display
window’s start column address.
Default is 0.
1
DwERLsb
Use to program bit 0 of the display
window’s
end
row
address.
Default is 1.
0
DwSRLsb
Use to program bit 0 of the display
window’s
start
row
address.
Default is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com