Electronic Components Datasheet Search
  English  ▼

X  

LM9627 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button LM9627 Datasheet HTML 26Page - National Semiconductor (TI) LM9627 Datasheet HTML 27Page - National Semiconductor (TI) LM9627 Datasheet HTML 28Page - National Semiconductor (TI) LM9627 Datasheet HTML 29Page - National Semiconductor (TI) LM9627 Datasheet HTML 30Page - National Semiconductor (TI) LM9627 Datasheet HTML 31Page - National Semiconductor (TI) LM9627 Datasheet HTML 32Page - National Semiconductor (TI) LM9627 Datasheet HTML 33Page - National Semiconductor (TI) LM9627 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Confidential
30
www.national.com
Register Set (continued)
Register Name Black
Level
Compensation
Coefficient
Register
Address
26 Hex
Mnemonic
BLCOEFF
Type
Read/Write
Reset Value
00 Hex
Register Name Threshold 0 High Register
Address
27 Hex
Mnemonic
BPTH0H
Type
Read/Write
Reset Value
00 Hex.
Register Name Threshold 0 Low Register
Address
28 Hex
Mnemonic
BPTH0L
Type
Read/Write
Reset Value
00 Hex
Register Name Threshold 1 High Register
Address
29 Hex
Mnemonic
BPTH1H
Type
Read/Write
Reset Value
00 Hex
Register Name Threshold 1 Low Register
Address
2A Hex
Mnemonic
BPTH1L
Type
Read/Write
Reset Value
00 Hex
Bit
Bit Symbol
Description
7:0
Alpha[7:0]
Exponential averaging coeffi-
cient for black pixels
Bit
Bit Symbol
Description
7:0
BpT0 [11:4]
Use to program the MSBs of
the
bad
pixel
correction
threshold 0.
Bit
Bit Symbol
Description
7:4
BpT0 [3.0]
Use to program the LSBs of
the
bad
pixel
correction
threshold 0.
3:0
Reserved
Bit
Bit Symbol
Description
7:0
THR1[11.4]
Use to program the MSBs of
the
bad
pixel
correction
threshold 1.
Bit
Bit Symbol
Description
7:4
THR1 [3.0]
Use to program the LSBs of
the
bad
pixel
correction
threshold 1.
3:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com