Electronic Components Datasheet Search
  English  ▼

X  

LM9627 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9627 Datasheet HTML 1Page - National Semiconductor (TI) LM9627 Datasheet HTML 2Page - National Semiconductor (TI) LM9627 Datasheet HTML 3Page - National Semiconductor (TI) LM9627 Datasheet HTML 4Page - National Semiconductor (TI) LM9627 Datasheet HTML 5Page - National Semiconductor (TI) LM9627 Datasheet HTML 6Page - National Semiconductor (TI) LM9627 Datasheet HTML 7Page - National Semiconductor (TI) LM9627 Datasheet HTML 8Page - National Semiconductor (TI) LM9627 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
©2000 National Semiconductor Corporation
Confidential
www.national.com
March 2001
LM9627 Color CMOS Image Sensor VGA 30 FPS
General Description
The LM9627 is a high performance, low power, third inch VGA
CMOS Active Pixel Sensor capable of capturing color digital still
or motion images and converting them to a digital data stream.
In addition to the active pixel array, an on-chip 12 bit A/D conver-
tor, fixed pattern noise elimination circuits and a video gain
amplifier is provided. Furthermore, an integrated programmable
smart timing and control circuit allows the user maximum flexibil-
ity in adjusting integration time, active window size, gain and
frame rate. Various control, timing and power modes are also
provided.
Features
• Supplied with micro lenses
• Video or snapshot operations
• Programmable pixel clock, inter-frame and inter-line delays.
• Programmable partial or full frame integration
• Programmable gain adjustment
• Horizontal & vertical sub-sampling (2:1 & 4:2)
• Windowing
• External snapshot trigger & event synchronisation signals
• Auto black level compensation
• Flexible digital video read-out supporting programmable:
- polarity for synchronisation and pixel clock signals
- leading edge adjustment for horizontal synchronization
• Programmable via 2 wire I2C compatible serial interface
• Power on reset & power down mode
Applications
• PC Camera
• Digital Still Camera
• Video Conferencing
• Security Cameras
• Toys
• Machine Vision
Key Specifications
• Array Format
Total:
664H x 504V
Active: 648H x 488V
• Effective Image Area
Total: 4.98mm x 3.78 mm
Active: 4.86 mm x 3.66 mm
• Optical Format
1/3“
• Pixel Size
7.5
µm x 7.5µm
• Video Outputs
8,10 & 12 Bit Digital
• Dynamic Range
57dB
• FPN
0.35%
• Sensitivity
red
green
blue
14.5 kLSBs/lux.s
7.5 kLSBs/lux.s
5.1 kLSBs/lux.s
• Quantum Efficiency
27%
• Fill Factor
47% (no micro lens)
• Color Mosaic
Bayer pattern
• Package
48 LCC
• Single Supply
3.3 V
• Power Consumption
90 mW
• Operating Temp
0 to 50oC
12bit digital image
lens
I
2C compatible
Digital Image
Processor
Storage
snapshot
event trigger
LM9627
System Block Diagram


Similar Part No. - LM9627

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
LM9628 Color CMOS Image Sensor VGA 30 FPS
LM9628EVAL-KIT NSC-LM9628EVAL-KIT Datasheet
942Kb / 2P
LM9628 Color CMOS Image Sensor VGA 30 FPS
LM9628IEA NSC-LM9628IEA Datasheet
942Kb / 2P
LM9628 Color CMOS Image Sensor VGA 30 FPS
LM9628SAMPLE-KIT NSC-LM9628SAMPLE-KIT Datasheet
942Kb / 2P
LM9628 Color CMOS Image Sensor VGA 30 FPS
More results

Similar Description - LM9627

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9617 NSC-LM9617 Datasheet
366Kb / 37P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9618 NSC-LM9618 Datasheet
1Mb / 2P
Monochrome CMOS Image Sensor VGA 30 FPS
LM9637 NSC-LM9637 Datasheet
657Kb / 2P
LM9637 Monochrome CMOS Image Sensor VGA 68 FPS
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
LM9647 Color CMOS Image Sensor VGA 68 FPS
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
LM9648 Color CMOS Image Sensor SXGA 18 FPS
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
LM9628 Color CMOS Image Sensor VGA 30 FPS
logo
STMicroelectronics
VS6552 STMICROELECTRONICS-VS6552 Datasheet
800Kb / 26P
VGA Color CMOS Image Sensor Module
Oct-2004
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
Color VGA CMOS Image Sensor
logo
STMicroelectronics
VS6502 STMICROELECTRONICS-VS6502 Datasheet
52Kb / 2P
VGA Color CMOS Image Sensor Module
May-2004
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
VGA CMOS Color Image Sensor
Sep-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com