Electronic Components Datasheet Search
  English  ▼

X  

LM9627 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM9627 Datasheet HTML 1Page - National Semiconductor (TI) LM9627 Datasheet HTML 2Page - National Semiconductor (TI) LM9627 Datasheet HTML 3Page - National Semiconductor (TI) LM9627 Datasheet HTML 4Page - National Semiconductor (TI) LM9627 Datasheet HTML 5Page - National Semiconductor (TI) LM9627 Datasheet HTML 6Page - National Semiconductor (TI) LM9627 Datasheet HTML 7Page - National Semiconductor (TI) LM9627 Datasheet HTML 8Page - National Semiconductor (TI) LM9627 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Confidential
3
www.national.com
Typical Application Circuit
0.1
µF
1.5k
Ω
820
Ω
3.3V analog
0.1
µF
3.3Vdigital
12
9
37
36
35
7
6
8
10
vss_dig
vdd_ana1
vss_ana1
vref_adc
vdd_od1
vss_od1
30 29 28
26
27
25 24 23 22 21
17
11
vdd_dig
48
5
20
0.1
µF
3.3V analog
31
32
vdd_od2
vss_od2
0.1
µF
3.3V digital
0.1
µF
3.3V digital
47
46
vdd_pix
vrl
0.1
µF
3
2
1
vsrvdd
1.0
µF
13 14 15
LM9627
Serial Control Bus
System Control
Digital Video Bus
Camera Control
4
33
34
vdd_ana2
vss_ana2
0.1
µF
3.3V analog
16
vdd_od3
vss_od3
0.1
µF
44
45
fine_i 41
gnd 40
3.3Vanalog
3.3V digital
offset
fine_ctrl 39
NC
18
NC
19
NC
42
NC
43
10k
Ω
1.2k
Ω
470
Ω
2N3904
1N4148
4.7
µF
vdd_ana
22k
Ω
vdd_ana
38
1%
1%
1%
1%
Figure 2. Typical Application Diagram
Scan Read Out Direction
Figure 3. Scan directions and position of origin in imaging system
(0,0)
pin 1
CMOS Image Sensor
(0,0)
digital
out
lens
(0,0)
horizontal scan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com