Electronic Components Datasheet Search
  English  ▼

X  

LM9627 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM9627 Datasheet HTML 3Page - National Semiconductor (TI) LM9627 Datasheet HTML 4Page - National Semiconductor (TI) LM9627 Datasheet HTML 5Page - National Semiconductor (TI) LM9627 Datasheet HTML 6Page - National Semiconductor (TI) LM9627 Datasheet HTML 7Page - National Semiconductor (TI) LM9627 Datasheet HTML 8Page - National Semiconductor (TI) LM9627 Datasheet HTML 9Page - National Semiconductor (TI) LM9627 Datasheet HTML 10Page - National Semiconductor (TI) LM9627 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Confidential
7
www.national.com
Video Amplifier Specifications
The following specifications apply for all VDD pins= +3.3V. Boldface limits apply for TA = T
MIN to TMAX : all other limits TA = 25
oC.
AC Electrical Characteristics
The following specifications apply for All VDD pins = +3.3V. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25
oC.
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate con-
ditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications
and test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions
listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions.
Note 2:
All voltages are measured with respect to VSS = vss_ana = vss_od = vss_dig = 0V, unless otherwise specified.
Note 3:
When the voltage at any pin exceeds the power supplies (VIN < VSS or VIN > VDD), the current at that pin should be lim-
ited to 25mA. The 50mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of 25mA.
Note 4:
The absolute maximum junction temperature (TJmax) for this device is 125oC. The maximum allowable power dissipation
is dictated by TJmax, the junction-to-ambient thermal resistance (
ΘJA), and the ambient temperature (T
A), and can be cal-
culated using the formula PDMAX = (TJmax - TA)/ΘJA. In the 48-pin LCC, ΘJA is 38.5
oC/W, so PDMAX = 2.5W at 25oC
and 1.94W at the maximum operating ambient temperature of 50oC. Note that the power dissipation of this device under
normal operation will be well under the PDMAX of the package.
Note 5:
Human body model is 100pF capacitor discharged through a 1.5k
Ω resistor. Machine model is 220pF discharged through
ZERO Ohms.
Note 6:
See AN450, “Surface Mounting Methods and Their Effect on Product Reliability”, or the section entitled “Surface Mount”
found in any post 1986 National Semiconductor Linear Data Book, for other methods of soldering surface mount devices.
Note 7:
The analog inputs are protected as shown below. Input voltage magnitude up to 500mV beyond the supply rails will not
damage this device. However, input errors will be generated If the input goes above AV+ and below AGND.
Note 8:
Typical figures are at TJ = 25oC, and represent most likely parametric norms.
Note 9:
Test limits are guaranteed to National's AOQL (Average Outgoing Quality Level).
Symbol
Parameter
Conditions
Min
note 9
Typical
note 8
Max
note 9
Units
Video Amplifier Nominal Gain
64 linear steps
0-15
dB
Symbol
Parameter
Conditions
Min
note 9
Typical
note 8
Max
note 9
Units
Fmclk
Input Clock Frequency
12
48
MHz
T
ch
Clock High Time
@ CLK
max
10
45
ns
Tcl
Clock Low Time
@ CLKmax
10
45
ns
Clock Duty Cycle
@ CLKmax
45/55
55/45
min/max
T
rc, Tfc
Clock Input Rise and Fall Time
3
ns
F
hclk
Internal System Clock Fre-
quency
1.0
14.0
MHz
T
reset
Reset pulse width
1.0
µs
FRMrate
Frame Rate
1
30
fps
IOP
Pad
VDD
VSS
Internal Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com