Electronic Components Datasheet Search
  English  ▼

X  

LM9627 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM9627 Datasheet HTML 15Page - National Semiconductor (TI) LM9627 Datasheet HTML 16Page - National Semiconductor (TI) LM9627 Datasheet HTML 17Page - National Semiconductor (TI) LM9627 Datasheet HTML 18Page - National Semiconductor (TI) LM9627 Datasheet HTML 19Page - National Semiconductor (TI) LM9627 Datasheet HTML 20Page - National Semiconductor (TI) LM9627 Datasheet HTML 21Page - National Semiconductor (TI) LM9627 Datasheet HTML 22Page - National Semiconductor (TI) LM9627 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Confidential
19
www.national.com
Functional Description (continued)
13.0 SERIAL BUS
The serial bus interface consists of the sda (serial data), sclk
(serial clock) and sadr (device address select) pins. The
LM9627 can operate only as a slave.
The sclk pin is an input, it only and controls the serial interface,
all other clock functions within LM9627 use the master clock pin,
mclk.
13.1
Start/Stop Conditions
The serial bus will recognize a logic 1 to logic 0 transition on the
sda pin while the sclk pin is at logic 1 as the start condition. A
logic 0 to logic 1 transition on the sda pin while the sclk pin is at
logic 1 is interrupted as the stop condition as shown in Figure
27.
Figure 27. Start/Stop Conditions
13.2
Device Address
The serial bus Device Address of the LM9627 is set to 1010101
when sadr is tied low and 0110011 when sadr is tied high. The
value for sadr is set at power up.
13.3
Acknowledgment
The LM9627 will hold the value of the sda pin to a logic 0 during
the logic 1 state of the Acknowledge clock pulse on sclk as
shown in Figure 28.
Figure 28. Acknowledge
13.4
Data Valid
The master must ensure that data is stable during the logic 1
state of the sclk pin. All transitions on the sda pin can only occur
when the logic level on the sclk pin is “0” as shown in Figure 29.
Figure 29. Data Validity
13.5
Byte Format
Every byte consists of 8 bits. Each byte transferred on the bus
must be followed by an Acknowledge. The most significant bit of
the byte is should always be transmitted first. See Figure 30.
13.6
Write Operation
A write operation is initiated by the master with a Start Condition
followed by the sensor’s Device Address and Write bit. When
the master receives an Acknowledge from the sensor it can
transmit 8 bit internal register address. The sensor will respond
with a second Acknowledge signaling the master to transmit 8
write data bits. A third Acknowledge is issued by the sensor
when the data has been successfully received.
The write operation is completed when the master asserts a
Stop Condition or a second Start Condition. See Figure 31.
13.7
Read Operation
A read operation is initiated by the master with a Start Condition
followed by the sensor’s Device Address and Write bit. When
the master receives an Acknowledge from the sensor it can
transmit the internal Register Address byte. The sensor will
respond with a second Acknowledge. The master must then
issue a new Start Condition followed by the sensor’s Device
Address and read bit. The sensor will respond with an Acknowl-
edged followed by the Read Data byte.
The read operation is completed when the master asserts a Not
Acknowledge followed by Stop Condition or a second Start Con-
dition. See Figure 32.
sda
sclk
S
P
start condition
stop condition
1
2
7
8
9
sda
from master
sda
from sensor
sclk
MSB
ACK
ACK
START
S
Clock pulse
for ACK
sda
sclk
data line
stable;
data valid
change
of data
allowed
data line
stable;
data valid
Figure 30. Serial Bus Byte Format
Figure 31. Serial Bus Write Operation
Figure 32. Serial Bus Read Operation
sclk
sda
1
2
7
8
9
1
8
2
MSB
START
ACK
S
P
ack signal
from receiver
byte complete
clock line
held low
9
ack signal
from receiver
ACK
Address
W
S
A
Register
A
Data
A
P
Device
Address
Byte
bold sensor action
Device
S
A
Register
Data
Device
A
S
A
R
P
_
A
Byte
Address
Address
W
Address
bold sensor action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com