Electronic Components Datasheet Search
  English  ▼

X  

LM9627 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM9627 Datasheet HTML 1Page - National Semiconductor (TI) LM9627 Datasheet HTML 2Page - National Semiconductor (TI) LM9627 Datasheet HTML 3Page - National Semiconductor (TI) LM9627 Datasheet HTML 4Page - National Semiconductor (TI) LM9627 Datasheet HTML 5Page - National Semiconductor (TI) LM9627 Datasheet HTML 6Page - National Semiconductor (TI) LM9627 Datasheet HTML 7Page - National Semiconductor (TI) LM9627 Datasheet HTML 8Page - National Semiconductor (TI) LM9627 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Confidential
2
www.national.com
APS Array
Vertical
Horizontal
Master Timer
Timing
Timing
Row Address
Gen
Clock Gen
POR
I
2C Compatible
Register Bank
Row Address
Decoder
Reset
Gen
12 Bit A/D
Gain
Control
d[11:0]
pclk
hsync
vsync
Serial I/F
sda
sclk
sadr
Power
Control
pdwn
snapshot
extsync
Controller
(sequencer)
irq
mclk
AMP
Overall Chip Block Diagram
Figure 1. Chip Block Diagram
7
9
10
11
12
13
14
15
16
18
17
42
40
39
38
37
36
35
34
33
31
32
sclk
resetb
pdwn
vss_dig
vdd_dig
vsync
pclk
mclk
d0
fine_i
gnd
fine_ctrl
offset
vdd_ana1
vdd_ana2
vss_ana2
6
5
4
3
2
1
48 47 46 45
NC
vdd_od2
vss_od2
19 20 21
23
22
24 25 26 27 28
30
48 PIN LCC
43
8
snapshot
41
44
vref_adc
29
LM9627
hsync
vss_ana1
NC
Connection Diagram
Ordering Information
Temperature
(0°C
≤ T
A ≤ +50°C)
NS Package
LM9627 CCEA
LCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com