Electronic Components Datasheet Search
  English  ▼

X  

LM9627 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9627
Description  Color CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9627 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM9627 Datasheet HTML 20Page - National Semiconductor (TI) LM9627 Datasheet HTML 21Page - National Semiconductor (TI) LM9627 Datasheet HTML 22Page - National Semiconductor (TI) LM9627 Datasheet HTML 23Page - National Semiconductor (TI) LM9627 Datasheet HTML 24Page - National Semiconductor (TI) LM9627 Datasheet HTML 25Page - National Semiconductor (TI) LM9627 Datasheet HTML 26Page - National Semiconductor (TI) LM9627 Datasheet HTML 27Page - National Semiconductor (TI) LM9627 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Confidential
24
www.national.com
MEMORY MAP
ADDR
Register
Reset Value
Description
00h
Reserved for future use.
01h
REV
02h
Revision Register
02h
MCFG0
00h
Main Configuration Register 0
03h
MCFG1
00h
Main Configuration Register 1
04h
PCR
00h
Power Control Register.
05h
VCLKGEN
04h
Video Clock Generator
06h
VMODE0
00h
Video Mode 0 Register
07h
VMODE1
00h
Video Mode 1 Register
08h
VMODE2
00h
Video Mode 2 Register
09h
SNAPMODE0
00h
Snapshot Mode 0 Register
0Ah
SNAPMODE1
00h
Snapshot Mode 1 Register
0Bh
SROWS
00h
Scan Window Row Start Register
0Ch
SROWE
FBh
Scan Window Row End Register
0Dh
Reserved for future use.
0Eh
DROWS
00h
Display Window Row Start Register
0Fh
DROWE
FBh
Display Window Row End Register
10h
DCOLS
00h
Display Window Column Start Register
11h
DCOLE
A5h
Display Window Column End Register
12h
DWLSB
32h
Display Window LSB Register.
13h
ITIMEH
00h
Integration Time High Register
14h
ITIMEL
00h
Integration Time Low Register
15h
RDELAYH
00h
Row Delay High Register
16h
RDELAYL
00h
Row Delay Low Register
17h
FDELAYH
00h
Frame Delay High Register
18h
FDELAYL
00h
Frame Delay Low Register
19h
VGAIN
00h
Video Gain Register
1Fh
OCR1
00h
Offset Compensation Register 1
22h
OCR1
00h
Offset Compensation Register 1
25h
OCR2
00h
Offset Compensation Register 2
26h
BLCOEFF
00h
Black Level Compensation Coefficient Register
27h
BPTH0H
00h
Bad pixel Threshold 0 High Register
28h
BPTH0L
00h
Bad pixel Threshold 0 Low Register
29h
BPTH1H
00h
Bad pixel Threshold 1 High Register
2Ah
BPTH1L
00h
Bad pixel Threshold 1 Low Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com