Electronic Components Datasheet Search
  English  ▼

X  

CS2 Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 30Page - fujitsu semiconductor CS2 Datasheet HTML 31Page - fujitsu semiconductor CS2 Datasheet HTML 32Page - fujitsu semiconductor CS2 Datasheet HTML 33Page - fujitsu semiconductor CS2 Datasheet HTML 34Page - fujitsu semiconductor CS2 Datasheet HTML 35Page - fujitsu semiconductor CS2 Datasheet HTML 36Page - fujitsu semiconductor CS2 Datasheet HTML 37Page - fujitsu semiconductor CS2 Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
34
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
If the formula above has been already satisfied and then a low ON resistance FET as possible is used for the
low-side FET, the loss is effectively decreased. Especially, it works dramatically in the low on duty mode.
The loss of the low-side FET can be calculated by the following formula.
VOUT
PSyncFET = PRON_Sync = IOUT_MAX
2
(1 –
VIN
)
RON_Sync
PSyncFET
: Low-side FET loss [W]
PRON_Sync : Low-side FET conduction loss [W]
IOUT_MAX : Maximum load current [A]
VIN
: Power supply voltage [V]
VOUT
: Output voltage [V]
RON_Sync : ON resistance of low-side FET [Ω]
Turn-on and turn-off voltage of the low-side FET is generally small and the switching loss is small enough
to ignore, so that is omitted here.
Especially, when turning on the high-side FET under the high power supply voltage condition, the
rush-current might be generated by according to self-turn-on of the low-side FET. The parasitic capacitor
value of the low-side FET needs to satisfy the following conditions.
Crss
VTH_Sync >
Ciss
VIN
VTH_Sync
: Threshold voltage of low-side FET [V]
Crss
: Parasitic feedback capacitance of low-side FET [F]
Ciss
: Parasitic input capacitance of low-side FET [F]
VIN
: Power supply voltage [V]
Also approaches of adding a capacitor close between the gate source pins of the low-side FET or adding
resistor between the BST pin and the boost capacitor, and so on are effective as a countermeasure of the
self-turn-on(adding resistor between the BST pin and the boost capacitor is also effective to adjust turn-on
time of the high-side FET).
This device monitors the gate voltage of the switching FET and optimizes the dead time. If the dumping
resistor is inserted among DRVH, DRVL and the switching FET gate to adjust turn-on and turn-off time of
the switching FET, this function might malfunction. In this device, resistor should not be connected among
the DRVH pin, the DRVL pin of IC and the switching FET gate, and should be connected by low
impedance as possible.
The gate drive power of the switching FET is supplied from LDO (VB) of IC inside. Select switching FET
so that the total amount of the switching FET electric charge for 2 channels (QG_Total1, QG_Total2)
satisfies the following formula.
IVB_MAX > QG_Total1
fOSC1 + QG_Total2
fOSC2
IVB_MAX : VB load current upper limit value (see the following graph) [A]
QG_Total1 : Total quantity of charge for the high-side FET and the low-side FET of each CH1 [C]
QG_Total2 : Total quantity of charge for the high-side FET and the low-side FET of each CH2 [C]
fOSC1
: CH1Switching frequency [Hz]
fOSC2
: CH2 Switching frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com