Electronic Components Datasheet Search
  English  ▼

X  

CS2 Datasheet(PDF) 6 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 6 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 2Page - fujitsu semiconductor CS2 Datasheet HTML 3Page - fujitsu semiconductor CS2 Datasheet HTML 4Page - fujitsu semiconductor CS2 Datasheet HTML 5Page - fujitsu semiconductor CS2 Datasheet HTML 6Page - fujitsu semiconductor CS2 Datasheet HTML 7Page - fujitsu semiconductor CS2 Datasheet HTML 8Page - fujitsu semiconductor CS2 Datasheet HTML 9Page - fujitsu semiconductor CS2 Datasheet HTML 10Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
6
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
RECOMMENDED OPERATING CONDITIONS
Value
Parameter
Symbol
Condition
Min
Typ
Max
Unit
VCC pin input voltage
VVCC
VCC pin
6
—
28
V
BST pin input voltage
VBST
BST1, BST2 pins
—
—
34
V
EN pin input voltage
VEN
EN1, EN2 pins
0
—
28
V
VFB
FB1, FB2 pins
0
—
VB
V
VVOUT
VOUT1, VOUT2 pins
0
—
5.5
V
VILIM
ILIM1, ILIM2 pins
0
—
2
V
VFREQ
FREQ pin
0
—
VB
V
Input voltage
VMODE
MODE pin
0
—
VB
V
Peak output current
IOUT
DRVH1, DRVH2 pins,
DRVL1, DRVL2 pins
Duty ≤ 5% (t = 1/fOSC Duty)
− 1200
—
+ 1200
mA
Operating ambient
temperature
Ta
—
− 30
+ 25
+ 85
°C
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device's electrical characteristics are warranted when the device
is operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges.
Operation outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented
on the data sheet. Users considering application outside the listed conditions are advised to contact
their representatives beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com