Electronic Components Datasheet Search
  English  ▼

X  

CS2 Datasheet(PDF) 35 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 35 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 31Page - fujitsu semiconductor CS2 Datasheet HTML 32Page - fujitsu semiconductor CS2 Datasheet HTML 33Page - fujitsu semiconductor CS2 Datasheet HTML 34Page - fujitsu semiconductor CS2 Datasheet HTML 35Page - fujitsu semiconductor CS2 Datasheet HTML 36Page - fujitsu semiconductor CS2 Datasheet HTML 37Page - fujitsu semiconductor CS2 Datasheet HTML 38Page - fujitsu semiconductor CS2 Datasheet HTML 39Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
35
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
6
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
8 10 12 1416 18 20 222426 28
Moreover, select the total quantity of the high-side FET electric charge as a guide that does not exceed the
total quantity of the high-side FET electric charge upper limit value shown below.
5
1015202530
35
30
25
20
15
10
5
0
FREQ=GND:CH1
FREQ=GND:CH2
FREQ=OPEN:CH1
FREQ=OPEN:CH2
FREQ=VB:CH1
FREQ=VB:CH2
Whether the mean current value that flows to switching FET is a rated value or less of switching FET is
judged. Each rating value for the switching FET can be calculated roughly by the following formula.
ID_Main > IOUT_MAX
D
ID_Sync > IOUT_MAX
(1 – D)
ID_Main
: high-side FET drain current [A]
ID_Sync
: Low-side FET drain current [A]
IOUT_MAX : Maximum load current [A]
D
: On-duty
VDSS > VIN
VDSS
: Voltage between the high-side FET drain and source and the low-side FET drain and
source [V]
VIN
: Power supply voltage [V]
VIN [V]
Power supply voltage VIN [V]
From the top line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com