Electronic Components Datasheet Search
  English  ▼

X  

CS2 Datasheet(PDF) 25 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 25 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 21Page - fujitsu semiconductor CS2 Datasheet HTML 22Page - fujitsu semiconductor CS2 Datasheet HTML 23Page - fujitsu semiconductor CS2 Datasheet HTML 24Page - fujitsu semiconductor CS2 Datasheet HTML 25Page - fujitsu semiconductor CS2 Datasheet HTML 26Page - fujitsu semiconductor CS2 Datasheet HTML 27Page - fujitsu semiconductor CS2 Datasheet HTML 28Page - fujitsu semiconductor CS2 Datasheet HTML 29Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
25
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
PART LIST
Component
Item
Specification
Vendor
Package
Part number
Remarks
Q1
N-ch FET
VDS = 30 V, ID = 9 A, 5.4 A,
RON = 34 mΩ, 13 mΩ
RENESAS
SOP8
µPA2758
DualType
(2elements)
Q3
N-ch FET
VDS = 30 V, ID = 9 A, 5.4 A,
RON = 34 mΩ, 13 mΩ
RENESAS
SOP8
µPA2758
DualType
(2elements)
L1
Inductor
1
µH (18 A)
NEC TOKIN
-
MPC1055L1R0
L2
Inductor
1.5
µH (12.4 A)
NEC TOKIN
-
MPLC1040L1R5
C1-1
Ceramic
capacitor
10
µF (25 V)
MURATA
3216
GRM31CB31E106K
C1-2
Ceramic
capacitor
10
µF (25 V)
MURATA
3216
GRM31CB31E106K
C2-1
POSCAP
220
µF (2 V)
SANYO
D case
2TPLF220M6
C2-3
Ceramic
capacitor
1000 pF (50 V)
TDK
1608
C1608JB1H102K
C3-1
Ceramic
capacitor
10
µF (25 V)
MURATA
3216
GRM31CB31E106K
C3-2
Ceramic
capacitor
10
µF (25 V)
MURATA
3216
GRM31CB31E106K
C4-1
POSCAP
150
µF (6.3 V)
SANYO
D case
6TPL150MU
C4-3
Ceramic
capacitor
1000 pF (50 V)
TDK
1608
C1608JB1H102K
C5
Ceramic
capacitor
0.1
µF (50 V)
TDK
1608
C1608JB1H104K
C6
Ceramic
capacitor
0.1
µF (50 V)
TDK
1608
C1608JB1H104K
C7
Ceramic
capacitor
0.1
µF (50 V)
TDK
1608
C1608JB1H104K
C8
Ceramic
capacitor
4.7
µF (16 V)
TDK
1608
C1608JB1C475K
C12
Ceramic
capacitor
3300 pF (50 V)
TDK
1608
C1608JB1H332K
C13
Ceramic
capacitor
3300 pF (50 V)
TDK
1608
C1608JB1H332K
R1-1
Resistor
1.6 k
Ω
SSM
1608
RR0816P162D
R1-2
Resistor
27 k
Ω
SSM
1608
RR0816P273D
R2
Resistor
68 k
Ω
SSM
1608
RR0816P683D
R3-1
Resistor
0.047 k
Ω
SSM
1608
RR0816P470D
R3-2
Resistor
56 k
Ω
SSM
1608
RR0816P563D
R4
Resistor
36 k
Ω
SSM
1608
RR0816P363D
R5
Resistor
110 k
Ω
SSM
1608
RR0816P114D
R6
Resistor
120 k
Ω
SSM
1608
RR0816P124D
RENESAS
: Renesas Electronics Corporation
SANYO
: SANYO Electric Co., Ltd
NEC TOKIN
: NEC TOKIN Corporation
TDK
: TDK Corporation
MURATA
: Murata Manufacturing Co., Ltd.
SSM
: SUSUMU Co.,Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com