Electronic Components Datasheet Search
  English  ▼

X  

CS2 Datasheet(PDF) 44 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 44 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 40Page - fujitsu semiconductor CS2 Datasheet HTML 41Page - fujitsu semiconductor CS2 Datasheet HTML 42Page - fujitsu semiconductor CS2 Datasheet HTML 43Page - fujitsu semiconductor CS2 Datasheet HTML 44Page - fujitsu semiconductor CS2 Datasheet HTML 45Page - fujitsu semiconductor CS2 Datasheet HTML 46Page - fujitsu semiconductor CS2 Datasheet HTML 47Page - fujitsu semiconductor CS2 Datasheet HTML 48Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
44
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
EN Startup and Shutdown Waveform
VIN=12 V, VOUT1=1.0 V, IOUT1=7 A (0.14 Ω), MODE=GND,
FREQ=Open, Ta=+25°C
EN1 10 V/div
VOUT1 500 mV/div
LX1 10 V/div
500 µs/div
VIN=12V, VOUT2=1.8 V, IOUT2=7 A (0.26 Ω), MODE=GND,
FREQ=Open, Ta=+25°C
EN1 10V/div
VOUT1 500 mV/div
LX1 10V/div
500 µs/div
Output Over Current Waveform
VIN=12 V, VOUT1=1.0 V,MODE=VB,FREQ=Open, Ta=+25°C
IOUT1 5 A/div
VOUT1 500 mV/div
LX1 10 V/div
100 µs/div
Normal operation Over current
limitation
Under voltage protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com