Electronic Components Datasheet Search
  English  ▼

X  

CS2 Datasheet(PDF) 15 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 15 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 11Page - fujitsu semiconductor CS2 Datasheet HTML 12Page - fujitsu semiconductor CS2 Datasheet HTML 13Page - fujitsu semiconductor CS2 Datasheet HTML 14Page - fujitsu semiconductor CS2 Datasheet HTML 15Page - fujitsu semiconductor CS2 Datasheet HTML 16Page - fujitsu semiconductor CS2 Datasheet HTML 17Page - fujitsu semiconductor CS2 Datasheet HTML 18Page - fujitsu semiconductor CS2 Datasheet HTML 19Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
15
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
(4) Starting sequence
When the EN1 pin (pin 2) or EN2 pin (pin 11) is set to the “H” level, the bias voltage is supplied from the
VB pin. If the voltage of the VB pin exceeds the UVLO threshold voltage, the DC/DC converter starts
operations and carries out the soft start. The soft start is a function used to prevent a rush current when the
power is started.
Activating the soft start initiates charging of the capacitor connected to the CS1 pin (pin 5) and CS2 pin (pin
8) and inputs the lamp voltage to the error comparator (Error Comp.) of each channel. The DC/DC
converter generates the output voltage according to that lamp voltage. This results in the soft start operation
that does not depend on the output load. The over voltage protection (OVP) and under voltage protection
(UVP) functions are disabled while the soft start is active.
<Timing chart>
EN1
VB
CS1
DRVH1
UVLO VTLH
INTREF
INTREF
0.805 V
1.6 V
1.6 V
0.805 V
DRVL1
VOUT1
EN2
CS2
DRVH2
DRVL2
VOUT2
CH1 soft start completed
UVLO release
CH2 soft start completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com