Electronic Components Datasheet Search
  English  ▼

X  

CS2 Datasheet(PDF) 31 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 31 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 27Page - fujitsu semiconductor CS2 Datasheet HTML 28Page - fujitsu semiconductor CS2 Datasheet HTML 29Page - fujitsu semiconductor CS2 Datasheet HTML 30Page - fujitsu semiconductor CS2 Datasheet HTML 31Page - fujitsu semiconductor CS2 Datasheet HTML 32Page - fujitsu semiconductor CS2 Datasheet HTML 33Page - fujitsu semiconductor CS2 Datasheet HTML 34Page - fujitsu semiconductor CS2 Datasheet HTML 35Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
31
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Power dissipation and the thermal design
IC's loss increases, if IC is used under the high power supply voltage, high switching frequency, high load
and high temperature. The IC internal loss can be calculated by the following formula.
PIC = VCC
(ICC + QG_Total1
fOSC1 + QG_Total2
fOSC2)
PIC
: IC internal loss [W]
VCC
: Power supply voltage (VIN) [V]
ICC
: Power supply current [A] (2 mA Max)
QG_Total1 : Total quantity of charge for the high-side FET and the low-side FET of each CH1 [C]
QG_Total2 : Total quantity of charge for the high-side FET and the low-side FET of each CH2 [C]
fOSC1
: CH1 switching frequency [Hz]
fOSC2
: CH2 switching frequency [Hz]
Calculate junction temperature (Tj) by the following formula.
Tj = Ta
+ θja
PIC
Tj
: Junction temperature [°C] (+ 125°C Max)
Ta
: Ambient temperature [°C]
θja : TSSOP-24P Package thermal resistance (+ 78°C /W)
PIC
: IC internal loss [W]
Handling of the pins when using a single channel
Although this device is a 2-channel DC/DC converter control IC, it is also able to be used as a 1-channel
DC/DC converter by handling the pins of the unused channel as shown in the following diagram.
Note: x is the unused channel number.
FBx
VOUTx
CSx
ENx
LXx
ILIMx
DRVHx
BSTx
DRVLx
“Open”
“Open”
“Open”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com