Electronic Components Datasheet Search
  English  ▼

X  

CS2 Datasheet(PDF) 40 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 40 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 36Page - fujitsu semiconductor CS2 Datasheet HTML 37Page - fujitsu semiconductor CS2 Datasheet HTML 38Page - fujitsu semiconductor CS2 Datasheet HTML 39Page - fujitsu semiconductor CS2 Datasheet HTML 40Page - fujitsu semiconductor CS2 Datasheet HTML 41Page - fujitsu semiconductor CS2 Datasheet HTML 42Page - fujitsu semiconductor CS2 Datasheet HTML 43Page - fujitsu semiconductor CS2 Datasheet HTML 44Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
40
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Selection of bootstrap capacitor
To drive the gate of high-side FET, the bootstrap capacitor must have enough stored charge. 0.1 µF is
assumed to be standard, however, it is necessary to adjust it when the high-side FET QG is big. Consider the
capacitor value calculated by the following formula as the lowest value for the bootstrap capacitor and
select a thing any more.
CBST ≥ 10 QG
CBST : Bootstrap capacitor value [F]
QG
: Total quantity of charge for the high-side FET gate [C]
Calculate ratings of the bootstrap capacitor by the following formula:
VCBST > VB
VCBST
: Withstand voltage of the bootstrap capacitor [V]
VB
: VB voltage [V]
VB pin capacitor
4.7 µF is assumed to be a standard, and when QG of switching FET used is large, it is necessary to adjust it.
To suppress the ripple voltage by the switching FET gate drive, consider the capacitor value calculated by
the following formula as the lowest value for VB capacitor and select a thing any more.
CVB ≥ 50 QG
CVB
: VB pin capacitor value [F]
QG
: Total amount of gate charge of high-side FET and low-side switching FET for 2CH [C]
Calculate ratings of the VB pin capacitor by the following formula:
VCVB > VB
VCVB
: Withstand voltage of the VB pin capacitor [V]
VB
: VB voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com