Electronic Components Datasheet Search
  English  ▼

X  

CS2 Datasheet(PDF) 14 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 14 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 10Page - fujitsu semiconductor CS2 Datasheet HTML 11Page - fujitsu semiconductor CS2 Datasheet HTML 12Page - fujitsu semiconductor CS2 Datasheet HTML 13Page - fujitsu semiconductor CS2 Datasheet HTML 14Page - fujitsu semiconductor CS2 Datasheet HTML 15Page - fujitsu semiconductor CS2 Datasheet HTML 16Page - fujitsu semiconductor CS2 Datasheet HTML 17Page - fujitsu semiconductor CS2 Datasheet HTML 18Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
14
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
(1) Bias Voltage Block (VB Reg.)
The 5.2 V (Typ) bias voltage is generated from the VCC pin voltage for the control, output, and boost
circuits. When either or both of the EN1 pin (pin 2) and EN2 pin (pin 11) are set to the “H” level, the
system is restored from the standby state to supply the bias voltage from the VB pin (pin 18).
(2) ON/OFF Time Generator Block (tON Generator)
This block contains a capacitor for timing setting and a resistor for timing setting and generates ON time
(tON) which depends on input voltage and output voltage. The switching frequency can be switched by
setting the FREQ pin (pin 7) to any one of GND connection, OPEN, and VB connection. ON time for each
CH is obtained from the following formula.
<FREQ pin : GND connection>
VVOUT1
tON1 (ns) =
VVIN
4300 (fOSC1
230 kHz)
VVOUT2
tON2 (ns) =
VVIN
3200 (fOSC2
310 kHz)
<FREQ pin : OPEN>
VVOUT1
tON1 (ns) =
VVIN
2100 (fOSC1
460 kHz)
VVOUT2
tON2 (ns) =
VVIN
1600 (fOSC2
620 kHz)
<FREQ pin : VB connection>
VVOUT1
tON1 (ns) =
VVIN
1300 (fOSC1
750 kHz)
VVOUT2
tON2 (ns) =
VVIN
1000 (fOSC2
1000 kHz)
The switching frequency of CH2 is set to 1.33 times that of CH1 to prevent the beat by the frequency
difference of channel to channel.
(3) Output Block (DRV1, DRV2)
The output circuit is configured in CMOS type for both of the high-side and the low-side. It provides the
0.5 A (Typ) source current and 0.9 A (Typ) sink current, drive the external N-ch MOS FET. The output
circuit of the high-side FET supplies the power from the boost circuit including the built-in boost diode. The
output circuit of the low-side FET supplies the power from the VB pin. This circuit monitors the gate
voltages of the high-side and low-side FETs. Until either FET is turned off, this circuit controls the ON
timing of another FET, preventing the shoot-through current. The sink ON resistance of the output circuit is
low 1 Ω (Typ), improve the self turn on margin of low-side FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com