Electronic Components Datasheet Search
  English  ▼

X  

CS2 Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 5 Page - fujitsu semiconductor

  CS2 Datasheet HTML 1Page - fujitsu semiconductor CS2 Datasheet HTML 2Page - fujitsu semiconductor CS2 Datasheet HTML 3Page - fujitsu semiconductor CS2 Datasheet HTML 4Page - fujitsu semiconductor CS2 Datasheet HTML 5Page - fujitsu semiconductor CS2 Datasheet HTML 6Page - fujitsu semiconductor CS2 Datasheet HTML 7Page - fujitsu semiconductor CS2 Datasheet HTML 8Page - fujitsu semiconductor CS2 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
5
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
ABSOLUTE MAXIMUM RATINGS
Rating
Parameter
Symbol
Condition
Min
Max
Unit
VCC pin input voltage
VVCC
VCC pin
− 0.3
+ 30
V
BST pin input voltage
VBST
BST1, BST2 pins
− 0.3
+ 36
V
LX pin input voltage
VLX
LX1, LX2 pins
− 1
+ 30
V
Voltage between
BST and LX
VBST-LX
—
− 0.3
+ 7
V
EN pin input voltage
VEN
EN1, EN2 pins
− 0.3
+ 30
V
VFB
FB1, FB2 pins
− 0.3
VB + 0.3
V
VVOUT
VOUT1, VOUT2 pins
− 0.3
+ 7
V
VILIM
ILIM1, ILIM2 pins
− 0.3
VB + 0.3
V
VCS
CS1, CS2 pins
− 0.3
VB + 0.3
V
VFREQ
FREQ pin
− 0.3
VB + 0.3
V
Input voltage
VMODE
MODE pin
− 0.3
VB + 0.3
V
Output current
IOUT
DRVH1, DRVH2 pins,
DRVL1, DRVL2 pins
—
60
mA
Power dissipation
PD
Ta ≤ + 25
°C
—
+ 1282
mW
Storage temperature
TSTG
—
− 55
+ 125
°C
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com