Electronic Components Datasheet Search
  English  ▼

X  

CS2 Datasheet(PDF) 37 Page - fujitsu semiconductor

Part # CS2
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS2 Datasheet(HTML) 37 Page - fujitsu semiconductor

Back Button CS2 Datasheet HTML 33Page - fujitsu semiconductor CS2 Datasheet HTML 34Page - fujitsu semiconductor CS2 Datasheet HTML 35Page - fujitsu semiconductor CS2 Datasheet HTML 36Page - fujitsu semiconductor CS2 Datasheet HTML 37Page - fujitsu semiconductor CS2 Datasheet HTML 38Page - fujitsu semiconductor CS2 Datasheet HTML 39Page - fujitsu semiconductor CS2 Datasheet HTML 40Page - fujitsu semiconductor CS2 Datasheet HTML 41Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
37
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
Selection of input capacitor
Select the input capacitor whose ESR is as small as possible. The ceramic capacitor is an ideal. Use the
tantalum capacitor and the polymer capacitor of the low ESR when a mass capacitor is needed as the
ceramic capacitor can not support.
The ripple voltage is generated in the power supply voltage by the switching operation of DC/DC. Calculate
the lower bound of input capacitor according to an allowable ripple voltage. Calculate the ripple voltage of
the power supply from the following formula.
IOUT_MAX
VOUT
ΔIL
ΔVIN =
CIN
VIN
fOSC
+ ESR
(IOUT_MAX +
2
)
ΔVIN
: Power supply ripple voltage peak-to-peak value [V]
IOUT_MAX : Maximum load current value [A]
CIN
: Input capacitor value [F]
VIN
: Power supply voltage [V]
VOUT
: Output setting voltage [V]
fOSC
: Switching frequency [Hz]
ESR
: Series resistance component of input capacitor [Ω]
ΔIL
: Ripple current peak-to-peak value of inductor [A]
Capacitor has frequency characteristic, the temperature characteristic, and the bias voltage characteristic, etc.
The effective capacitor value might become extremely small depending on the use conditions. Note the
effective capacitor value in the use conditions.
Calculate ratings of the input capacitor by the following formula:
VCIN > VIN
VCIN : Withstand voltage of the input capacitor [V]
VIN : Power supply voltage [V]
√ VOUT (VIN – VOUT)
Irms ≥ IOMAX
VIN
Irms
: Allowable ripple current of input capacitor (effective value) [A]
IOMAX : Maximum load current value [A]
VIN
: Power supply voltage [V]
VOUT : Output setting voltage [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com