Electronic Components Datasheet Search
  English  ▼

X  

ADUC831BCP Datasheet(PDF) 44 Page - Analog Devices

Part # ADUC831BCP
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831BCP Datasheet(HTML) 44 Page - Analog Devices

Back Button ADUC831BCP Datasheet HTML 40Page - Analog Devices ADUC831BCP Datasheet HTML 41Page - Analog Devices ADUC831BCP Datasheet HTML 42Page - Analog Devices ADUC831BCP Datasheet HTML 43Page - Analog Devices ADUC831BCP Datasheet HTML 44Page - Analog Devices ADUC831BCP Datasheet HTML 45Page - Analog Devices ADUC831BCP Datasheet HTML 46Page - Analog Devices ADUC831BCP Datasheet HTML 47Page - Analog Devices ADUC831BCP Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
REV. 0
–44–
ADuC831
WDCON
Watchdog Timer Control Register
SFR Address
C0H
Power-On Default Value
10H
Bit Addressable
Yes
Table XV. WDCON SFR Bit Designations
Bit
Name
Description
7
PRE3
Watchdog Timer Prescale Bits.
6
PRE2
The Watchdog timeout period is given by the equation: tWD = (2
PRE
(2
9/f
R/C OSC))
5
PRE1
(0
≤ PRE ≤ 7; f
R/C OSC = 32 kHz
10% at 25ºC)
4
PRE0
PRE3 PRE2 PRE1
PRE0 Timeout Period (ms) Action
000
0
15.6
Reset or Interrupt
000
1
31.2
Reset or Interrupt
001
0
62.5
Reset or Interrupt
001
1
125
Reset or Interrupt
010
0
250
Reset or Interrupt
010
1
500
Reset or Interrupt
011
0
1000
Reset or Interrupt
011
1
2000
Reset or Interrupt
100
0
0.0
Immediate Reset
PRE3–0 > 1000
Reserved
3
WDIR
Watchdog Interrupt Response Enable Bit.
If this bit is set by the user, the watchdog will generate an interrupt response instead of a
system reset when the watchdog timeout period has expired. This interrupt is not disabled by
the CLR EA instruction and it is also a fixed, high-priority interrupt. If the watchdog is not
being used to monitor the system, it can alternatively be used as a timer. The prescaler is used
to set the timeout period in which an interrupt will be generated.
2
WDS
Watchdog Status Bit.
Set by the Watchdog Controller to indicate that a watchdog timeout has occurred.
Cleared by writing a “0” or by an external hardware reset. It is not cleared by a watchdog reset.
1
WDE
Watchdog Enable Bit.
Set by the user to enable the watchdog and clear its counters. If this bit is not set by the user
within the watch dog timeout period, the watchdog will generate a reset or interrupt, depending
on WDIR. Cleared under the following conditions, user writes “0,” Watchdog Reset (WDIR = “0”);
Hardware Reset; PSM Interrupt.
0
WDWR
Watchdog Write Enable Bit.
To write data into the WDCON SFR involves a double instruction sequence. The WDWR bit
must be set and the very next instruction must be a write instruction to the WDCON SFR.
For example:
CLR
EA
;disable interrupts while writing
;to WDT
SETB WDWR
;allow write to WDCON
MOV
WDCON, #72H ;enable WDT for 2.0s timeout
SETB EA
;enable interrupts again (if rqd)
WATCHDOG TIMER
The purpose of the watchdog timer is to generate a device
reset or interrupt within a reasonable amount of time if the
ADuC831 enters an erroneous state, possibly due to a program-
ming error or electrical noise. The watchdog function can be
disabled by clearing the WDE (Watchdog Enable) bit in the
Watchdog Control (WDCON) SFR. When enabled, the watch-
dog circuit will generate a system reset or interrupt (WDS) if
the user program fails to set the watchdog (WDE) bit within a
predetermined amount of time (see PRE3–0 bits in WDCON).
The watchdog timer itself is a 16-bit counter that is clocked at
32 kHz by the internal R/C oscillator. The watchdog time out
interval can be adjusted via the PRE3–0 bits in WDCON. Full
control and status of the watchdog timer function can be con-
trolled via the watchdog timer control SFR (WDCON). The
WDCON SFR can only be written by user software if the
double write sequence described in WDWR below is initiated
on every write access to the WDCON SFR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com