Electronic Components Datasheet Search
  English  ▼

X  

ADUC831BCP Datasheet(PDF) 27 Page - Analog Devices

Part # ADUC831BCP
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831BCP Datasheet(HTML) 27 Page - Analog Devices

Back Button ADUC831BCP Datasheet HTML 23Page - Analog Devices ADUC831BCP Datasheet HTML 24Page - Analog Devices ADUC831BCP Datasheet HTML 25Page - Analog Devices ADUC831BCP Datasheet HTML 26Page - Analog Devices ADUC831BCP Datasheet HTML 27Page - Analog Devices ADUC831BCP Datasheet HTML 28Page - Analog Devices ADUC831BCP Datasheet HTML 29Page - Analog Devices ADUC831BCP Datasheet HTML 30Page - Analog Devices ADUC831BCP Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
REV. 0
ADuC831
–27–
NONVOLATILE FLASH/EE MEMORY
Flash/EE Memory Overview
The ADuC831 incorporates Flash/EE memory technology on-chip
to provide the user with nonvolatile, in-circuit reprogrammable
code, and data memory space. Flash/EE memory is a relatively
recent type of nonvolatile memory technology and is based on a
single transistor cell architecture.
This technology is basically an outgrowth of EPROM technology
and was developed through the late 1980s. Flash/EE memory
takes the flexible in-circuit reprogrammable features of EEPROM
and combines them with the space efficient/density features of
EPROM (see Figure 17).
Because Flash/EE technology is based on a single transistor cell
architecture, a Flash memory array, like EPROM, can be imple-
mented to achieve the space efficiencies or memory densities
required by a given design. Like EEPROM, Flash memory can
be programmed in-system at a byte level, although it must first be
erased; the erase being performed in page blocks. Thus, Flash
memory is often and more correctly referred to as Flash/EE memory.
FLASH/EE MEMORY
TECHNOLOGY
SPACE EFFICIENT/
DENSITY
IN-CIRCUIT
REPROGRAMMABLE
EPROM
TECHNOLOGY
EEPROM
TECHNOLOGY
Figure 17. Flash/EE Memory Development
Overall, Flash/EE memory represents a step closer to the ideal
memory device that includes nonvolatility, in-circuit programma-
bility, high density and low cost. Incorporated in the ADuC831,
Flash/EE memory technology allows the user to update program
code space in-circuit, without the need to replace onetime
programmable (OTP) devices at remote operating nodes.
Flash/EE Memory and the ADuC831
The ADuC831 provides two arrays of Flash/EE memory for user
applications. 62 kBytes of Flash/EE program space are provided
on-chip to facilitate code execution without any external dis-
crete ROM device requirements. The program memory can be
programmed in-circuit using the serial download mode provided,
using conventional third party memory programmers, or via a
user defined protocol that can configure it as data if required.
A 4 kByte Flash/EE data memory space is also provided on-chip.
This may be used as a general-purpose nonvolatile scratchpad
area. User access to this area is via a group of six SFRs. This
space can be programmed at a byte level, although it must first
be erased in 4-byte pages.
ADuC831 Flash/EE Memory Reliability
The Flash/EE program and data memory arrays on the ADuC831
are fully qualified for two key Flash/EE memory characteristics,
namely Flash/EE Memory Cycling Endurance and Flash/EE
Memory Data Retention.
Endurance quantifies the ability of the Flash/EE memory to be
cycled through many program, read, and erase cycles. In real
terms, a single endurance cycle is composed of four indepen-
dent, sequential events. These events are defined as:
a. Initial page erase sequence
b. Read/verify sequence
A single Flash/EE
c. Byte program sequence
Memory
d. Second read/verify sequence
Endurance Cycle
In reliability qualification, every byte in both the program and
data Flash/EE memory is cycled from 00H to FFH until a first
fail is recorded, signifying the endurance limit of the on-chip
Flash/EE memory.
As indicated in the specification pages of this data sheet, the
ADuC831 Flash/EE Memory Endurance qualification has been
carried out in accordance with JEDEC Specification A117 over
the industrial temperature range of –40
°C to +25°C and +85°C
to +125
°C. The results allow the specification of a minimum
endurance figure over supply and temperature of 100,000
cycles, with an endurance figure of 700,000 cycles being typical
of operation at 25
°C.
Retention quantifies the ability of the Flash/EE memory to
retain its programmed data over time. Again, the ADuC831 has
been qualified in accordance with the formal JEDEC Retention
Lifetime Specification (A117) at a specific junction temperature
(TJ = 55
°C). As part of this qualification procedure, the Flash/EE
memory is cycled to its specified endurance limit described above
before data retention is characterized. This means that the
Flash/EE memory is guaranteed to retain its data for its full
specified retention lifetime every time the Flash/EE memory is
reprogrammed. It should also be noted that retention lifetime,
based on an activation energy of 0.6 eV, will derate with TJ as
shown in Figure 18.
40
60
70
90
TJ JUNCTION TEMPERATURE – C
250
200
150
100
50
0
50
80
110
300
100
ADI SPECIFICATION
100 YEARS MIN.
AT TJ = 55 C
Figure 18. Flash/EE Memory Data Retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com