Electronic Components Datasheet Search
  English  ▼

X  

ADUC831BCP Datasheet(PDF) 29 Page - Analog Devices

Part # ADUC831BCP
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831BCP Datasheet(HTML) 29 Page - Analog Devices

Back Button ADUC831BCP Datasheet HTML 25Page - Analog Devices ADUC831BCP Datasheet HTML 26Page - Analog Devices ADUC831BCP Datasheet HTML 27Page - Analog Devices ADUC831BCP Datasheet HTML 28Page - Analog Devices ADUC831BCP Datasheet HTML 29Page - Analog Devices ADUC831BCP Datasheet HTML 30Page - Analog Devices ADUC831BCP Datasheet HTML 31Page - Analog Devices ADUC831BCP Datasheet HTML 32Page - Analog Devices ADUC831BCP Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
REV. 0
ADuC831
–29–
USING THE FLASH/EE DATA MEMORY
The 4 kBytes of Flash/EE data memory is configured as 1024
pages, each of four bytes. As with the other ADuC831 peripherals,
the interface to this memory space is via a group of registers mapped
in the SFR space. A group of four data registers (EDATA1–4)
are used to hold the four bytes of data at each page. The page is
addressed via the two registers EADRH and EADRL. Finally,
ECON is an 8-bit control register that may be written with one
of nine Flash/EE memory access commands to trigger various
read, write, erase, and verify functions.
A block diagram of the SFR interface to the Flash/EE data
memory array is shown in Figure 20.
ECON—Flash/EE Memory Control SFR
Programming of either the Flash/EE data memory or the Flash/EE
program memory is done through the Flash/EE memory control
SFR (ECON). This SFR allows the user to read, write, erase, or
verify the 4 kBytes of Flash/EE data memory or the 56 kBytes of
Flash/EE program memory.
BYTE 1
(0000H)
BYTE 1
(0004H)
BYTE 1
(0008H)
BYTE 1
(000CH)
BYTE 1
(0FF8H)
BYTE 1
(0FFCH)
BYTE 2
(0001H)
BYTE 2
(0005H)
BYTE 2
(0009H)
BYTE 2
(000DH)
BYTE 2
(0FF9H)
BYTE 2
(0FFDH)
BYTE 3
(0002H)
BYTE 3
(0006H)
BYTE 3
(000AH)
BYTE 3
(000EH)
BYTE 3
(0FFAH)
BYTE 3
(0FFEH)
BYTE 4
(0003H)
BYTE 4
(0007H)
BYTE 4
(000BH)
BYTE 4
(000FH)
BYTE 4
(0FFBH)
BYTE 4
(0FFFH)
01H
00H
02H
03H
3FEH
3FFH
BYTE
ADDRESSES
ARE GIVEN IN
BRACKETS
Figure 20. Flash/EE Data Memory Control and Configuration
Table VII. ECON—Flash/EE Memory Commands
COMMAND DESCRIPTION
COMMAND DESCRIPTION
ECON VALUE
(NORMAL MODE) (Power-On Default)
(ULOAD MODE)
01H
Results in 4 bytes in the Flash/EE data memory,
Not Implemented. Use the MOVC instruction.
READ
addressed by the page address EADRH/L, being read
into EDATA1–4.
02H
Results in four bytes in EDATA1–4 being written to
Results in bytes 0-255 of internal XRAM being written
WRITE
the Flash/EE data memory, at the page address given by
to the 256 bytes of Flash/EE program memory at the
EADRH/L (0
≤ EADRH/L < 0400H.
page address given by EADRH. (0
≤ EADRH < E0H)
Note: The four bytes in the page being addressed must
Note: The 256 bytes in the page being addressed must
be pre-erased.
be pre-erased.
03H
Reserved Command
Reserved Command
04H
Verifies if the data in EDATA1–4 is contained in the
Not Implemented. Use the MOVC and MOVX
VERIFY
page address given by EADRH/L. A subsequent read
instructions to verify the WRITE in software.
of the ECON SFR will result in a 0 being read if the
verification is valid, or a nonzero value being read to
indicate an invalid verification.
05H
Results in the Erase of the 4-byte page of Flash/EE data
Results in the 64-byte page of Flash/EE program
ERASE PAGE
memory addressed by the page address EADRH/L.
memory, addressed by the byte address EADRH/L
being erased. EADRL can equal any of 64 locations
within the page. A new page starts whenever EADRL
is equal to 00H, 40H, 80H, or C0H.
06H
Results in the erase of entire 4 kBytes of Flash/EE
Results in the Erase of the entire 56 kBytes of ULOAD
ERASE ALL
data memory.
Flash/EE program memory.
81H
Results in the byte in the Flash/EE data memory,
Not Implemented. Use the MOVC command.
READBYTE
addressed by the byte address EADRH/L, being read
into EDATA1. (0
≤ EADRH/L ≤ 0FFFH).
82H
Results in the byte in EDATA1 being written into
Results in the byte in EDATA1 being written into
WRITEBYTE
Flash/EE data memory, at the byte address EADRH/L.
Flash/EE program memory, at the byte address
EADRH/L (0
≤ EADRH/L ≤ DFFFH).
0FH
Leaves the ECON instructions to operate on the
Enters NORMAL mode directing subsequent ECON
EXULOAD
Flash/EE data memory.
instructions to operate on the Flash/EE data memory.
F0H
Enters ULOAD mode, directing subsequent ECON
Leaves the ECON instructions to operate on the
ULOAD
instructions to operate on the Flash/EE program memory.
Flash/EE program memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com