Electronic Components Datasheet Search
  English  ▼

X  

ADUC831BCP Datasheet(PDF) 16 Page - Analog Devices

Part # ADUC831BCP
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831BCP Datasheet(HTML) 16 Page - Analog Devices

Back Button ADUC831BCP Datasheet HTML 12Page - Analog Devices ADUC831BCP Datasheet HTML 13Page - Analog Devices ADUC831BCP Datasheet HTML 14Page - Analog Devices ADUC831BCP Datasheet HTML 15Page - Analog Devices ADUC831BCP Datasheet HTML 16Page - Analog Devices ADUC831BCP Datasheet HTML 17Page - Analog Devices ADUC831BCP Datasheet HTML 18Page - Analog Devices ADUC831BCP Datasheet HTML 19Page - Analog Devices ADUC831BCP Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
REV. 0
–16–
ADuC831
Data Pointer (DPTR)
The Data Pointer is made up of three 8-bit registers, named
DPP (page byte), DPH (high byte) and DPL (low byte). These
are used to provide memory addresses for internal and external
code access and external data access. It may be manipulated as
a 16-bit register (DPTR = DPH, DPL), although INC DPTR
instructions will automatically carry over to DPP, or as three
independent 8-bit registers (DPP, DPH, DPL).
The ADuC831 supports dual data pointers. Refer to the Dual
Data Pointer section.
Program Status Word (PSW)
The PSW SFR contains several bits reflecting the current status
of the CPU as detailed in Table I.
SFR Address
D0H
Power-On Default Value
00H
Bit Addressable
Yes
Table I. PSW SFR Bit Designations
Bit
Name
Description
7CYCarry Flag
6ACAuxiliary Carry Flag
5F0General-Purpose Flag
4
RS1
Register Bank Select Bits
3
RS0
RS1
RS0
Selected Bank
000
011
102
113
2OVOverflow Flag
1F1General-Purpose Flag
0P
Parity Bit
Power Control SFR (PCON)
The PCON SFR contains bits for power-saving options and
general-purpose status flags as shown in Table II.
SFR Address
87H
Power-On Default Value
00H
Bit Addressable
No
Table II. PCON SFR Bit Designations
Bit
Name
Description
7
SMOD
Double UART Baud Rate
6
SERIPD
I
2C/SPI Power-Down Interrupt Enable
5
INT0PD
INT0 Power-Down Interrupt Enable
4
ALEOFF
Disable ALE Output
3
GF1
General-Purpose Flag Bit
2
GF0
General-Purpose Flag Bit
1PD
Power-Down Mode Enable
0
IDL
Idle Mode Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com