Electronic Components Datasheet Search
  English  ▼

X  

ADUC831BCP Datasheet(PDF) 75 Page - Analog Devices

Part # ADUC831BCP
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831BCP Datasheet(HTML) 75 Page - Analog Devices

Back Button ADUC831BCP Datasheet HTML 68Page - Analog Devices ADUC831BCP Datasheet HTML 69Page - Analog Devices ADUC831BCP Datasheet HTML 70Page - Analog Devices ADUC831BCP Datasheet HTML 71Page - Analog Devices ADUC831BCP Datasheet HTML 72Page - Analog Devices ADUC831BCP Datasheet HTML 73Page - Analog Devices ADUC831BCP Datasheet HTML 74Page - Analog Devices ADUC831BCP Datasheet HTML 75Page - Analog Devices ADUC831BCP Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 75 / 76 page
background image
REV. 0
ADuC831
–75–
Parameter
Min
Typ
Max
Unit
Figure
SPI SLAVE MODE TIMING (CPHA = 0)
tSS
SS to SCLOCK Edge
0
ns
78
tSL
SCLOCK Low Pulsewidth
330
ns
78
tSH
SCLOCK High Pulsewidth
330
ns
78
tDAV
Data Output Valid after SCLOCK Edge
50
ns
78
tDSU
Data Input Setup Time before SCLOCK Edge
100
ns
78
tDHD
Data Input Hold Time after SCLOCK Edge
100
ns
78
tDF
Data Output Fall Time
10
25
ns
78
tDR
Data Output Rise Time
10
25
ns
78
tSR
SCLOCK Rise Time
10
25
ns
78
tSF
SCLOCK Fall Time
10
25
ns
78
tDOSS
Data Output Valid after
SS Edge
20
ns
78
tSFS
SS High after SCLOCK Edge
0
ns
78
MISO
MOSI
SCLOCK
(CPOL = 1)
SCLOCK
(CPOL = 0)
SS
MSB
BITS 6–1
LSB
BITS 6–1
LSB IN
t
DHD
t
DSU
t
DR
t
DF
t
DAV
t
DOSS
t
SH
t
SL
t
SR
t
SF
t
SFS
MSB IN
t
SS
Figure 78. SPI Slave Mode Timing (CPHA = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com