Electronic Components Datasheet Search
  English  ▼

X  

ADUC831BCP Datasheet(PDF) 32 Page - Analog Devices

Part # ADUC831BCP
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831BCP Datasheet(HTML) 32 Page - Analog Devices

Back Button ADUC831BCP Datasheet HTML 28Page - Analog Devices ADUC831BCP Datasheet HTML 29Page - Analog Devices ADUC831BCP Datasheet HTML 30Page - Analog Devices ADUC831BCP Datasheet HTML 31Page - Analog Devices ADUC831BCP Datasheet HTML 32Page - Analog Devices ADUC831BCP Datasheet HTML 33Page - Analog Devices ADUC831BCP Datasheet HTML 34Page - Analog Devices ADUC831BCP Datasheet HTML 35Page - Analog Devices ADUC831BCP Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
REV. 0
–32–
ADuC831
USER INTERFACE TO OTHER ON-CHIP ADuC831
PERIPHERALS
The following section gives a brief overview of the various
peripherals also available on-chip. A summary of the SFRs
used to control and configure these peripherals is also given.
DAC
The ADuC831 incorporates two 12-bit, voltage output DACs
on-chip. Each has a rail-to-rail voltage output buffer capable of
driving 10 k
Ω/100 pF. Each has two selectable ranges, 0 V to
VREF (the internal band gap 2.5 V reference) and 0 V to AVDD.
Each can operate in 12-bit or 8-bit mode. Both DACs share a
control register, DACCON, and four data registers, DAC1H/L,
DAC0H/L. It should be noted that in 12-bit asynchronous
mode, the DAC voltage output will be updated as soon as the
DACL data SFR has been written; therefore, the DAC data
registers should be updated as DACH first, followed by DACL.
Note: for correct DAC operation on the 0 to VREF range, the
ADC must be switched on. This results in the DAC using the
correct reference value.
DACCON
DAC Control Register
SFR Address
FDH
Power-On Default Value
04H
Bit Addressable
No
Table IX. DACCON SFR Bit Designations
Bit
Name
Description
7
MODE
The DAC MODE bit sets the overriding operating mode for both DACs.
Set to “1” = 8-Bit Mode (Write 8 Bits to DACxL SFR).
Set to “0”= 12-Bit Mode.
6
RNG1
DAC1 Range Select Bit.
Set to “1” = DAC1 Range 0–VDD.
Set to “0” = DAC1 Range 0–VREF.
5
RNG0
DAC0 Range Select Bit.
Set to “1” = DAC0 Range 0–VDD.
Set to “0” = DAC0 Range 0–VREF.
4
CLR1
DAC1 Clear Bit.
Set to “0” = DAC1 Output Forced to 0 V.
Set to “1” = DAC1 Output Normal.
3
CLR0
DAC0 Clear Bit.
Set to “0” = DAC1 Output Forced to 0 V.
Set to “1” = DAC1 Output Normal.
2
SYNC
DAC0/1 Update Synchronization Bit.
When set to “1” the DAC outputs update as soon as DACxL SFRs are written. The user can
simultaneously update both DACs by first updating the DACxL/H SFRs while SYNC is “0.” Both
DACs will then update simultaneously when the SYNC bit is set to “1.”
1
PD1
DAC1 Power-Down Bit.
Set to “1” = Power-On DAC1.
Set to “0” = Power-Off DAC1.
0
PD0
DAC0 Power-Down Bit.
Set to “1” = Power-On DAC0.
Set to “0” = Power-Off DAC0.
DACxH/L
DAC Data Registers
Function
DAC Data Registers, written by user to update the DAC output.
SFR Address
DAC0L (DAC0 Data Low Byte)
F9H; DAC1L (DAC1 Data Low Byte)
FBH
DAC0H (DAC0 Data High Byte)
FAH; DAC1H(DAC1 Data High Byte)
FCH
Power-On Default Value
00H
All four Registers
Bit Addressable
No
All four Registers
The 12-bit DAC data should be written into DACxH/L right-justified such that DACxL contains the lower eight bits, and the lower
nibble of DACxH contains the upper four bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com