Electronic Components Datasheet Search
  English  ▼

X  

ADUC831BCP Datasheet(PDF) 34 Page - Analog Devices

Part # ADUC831BCP
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831BCP Datasheet(HTML) 34 Page - Analog Devices

Back Button ADUC831BCP Datasheet HTML 30Page - Analog Devices ADUC831BCP Datasheet HTML 31Page - Analog Devices ADUC831BCP Datasheet HTML 32Page - Analog Devices ADUC831BCP Datasheet HTML 33Page - Analog Devices ADUC831BCP Datasheet HTML 34Page - Analog Devices ADUC831BCP Datasheet HTML 35Page - Analog Devices ADUC831BCP Datasheet HTML 36Page - Analog Devices ADUC831BCP Datasheet HTML 37Page - Analog Devices ADUC831BCP Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
REV. 0
–34–
ADuC831
SOURCE/SINK CURRENT – mA
3
05
10
15
2
1
0
DAC LOADED WITH 0000H
DAC LOADED WITH 0FFFH
Figure 24. Source and Sink Current Capability with
VREF = VDD = 3 V
To reduce the effects of the saturation of the output amplifier at
values close to ground and to give reduced offset and gain errors,
the internal buffer can be bypassed. This is done by setting the
DBUF bit in the CFG831 register. This allows a full rail-to-rail
output from the DAC which should then be buffered externally
using a dual supply op-amp in order to get a rail-to-rail output.
This external buffer should be located as near as physically
possible to the DAC output pin on the PCB. Note the unbuffed
mode only works in the 0 to VREF range.
To drive significant loads with the DAC outputs, external buff-
ering may be required (even with the internal buffer enabled),
as illustrated in Figure 25. A list of recommended op-amps is in
Table VI.
ADuC831
DAC0
DAC1
Figure 25. Buffering the DAC Outputs
The DAC output buffer also features a high-impedance disable
function. In the chip’s default power-on state, both DACs are
disabled, and their outputs are in a high-impedance state (or
“three-state”) where they remain inactive until enabled in software.
This means that if a zero output is desired during power-up or
power-down transient conditions, then a pull-down resistor must
be added to each DAC output. Assuming this resistor is in place,
the DAC outputs will remain at ground potential whenever the
DAC is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com