Electronic Components Datasheet Search
  English  ▼

X  

ADUC831BCP Datasheet(PDF) 52 Page - Analog Devices

Part # ADUC831BCP
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831BCP Datasheet(HTML) 52 Page - Analog Devices

Back Button ADUC831BCP Datasheet HTML 48Page - Analog Devices ADUC831BCP Datasheet HTML 49Page - Analog Devices ADUC831BCP Datasheet HTML 50Page - Analog Devices ADUC831BCP Datasheet HTML 51Page - Analog Devices ADUC831BCP Datasheet HTML 52Page - Analog Devices ADUC831BCP Datasheet HTML 53Page - Analog Devices ADUC831BCP Datasheet HTML 54Page - Analog Devices ADUC831BCP Datasheet HTML 55Page - Analog Devices ADUC831BCP Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
REV. 0
–52–
ADuC831
TIMER/COUNTER 0 AND 1 OPERATING MODES
The following paragraphs describe the operating modes for
Timer/Counters 0 and 1. Unless otherwise noted, it should be
assumed that these modes of operation are the same for Timer 0
as for Timer 1.
Mode 0 (13-Bit Timer/Counter)
Mode 0 configures an 8-bit Timer/Counter with a divide-by-32
prescaler. Figure 45 shows mode 0 operation.
12
CORE
CLK
CONTROL
P3.4/T0
GATE
P3.2/
INT0
TR0
TF0
TL0
(5 BITS)
TH0
(8 BITS)
INTERRUPT
C/
T = 0
C/
T = 1
Figure 45. Timer/Counter 0, Mode 0
In this mode, the timer register is configured as a 13-bit register.
As the count rolls over from all 1s to all 0s, it sets the timer over-
flow flag TF0. The overflow flag, TF0, can then be used to request
an interrupt. The counted input is enabled to the timer when
TR0 = 1 and either Gate = 0 or
INT0 = 1. Setting Gate = 1
allows the timer to be controlled by external input
INT0, to
facilitate pulsewidth measurements. TR0 is a control bit in the
special function register TCON; Gate is in TMOD. The 13-bit
register consists of all eight bits of TH0 and the lower five bits of
TL0. The upper three bits of TL0 are indeterminate and should
be ignored. Setting the run flag (TR0) does not clear the registers.
Mode 1 (16-Bit Timer/Counter)
Mode 1 is the same as Mode 0, except that the timer register is
running with all 16 bits. Mode 1 is shown in Figure 46.
12
CORE
CLK
CONTROL
P3.4/T0
GATE
P3.2/
INT0
TR0
TF0
TL0
(8 BITS)
TH0
(8 BITS)
INTERRUPT
C/
T = 0
C/
T = 1
Figure 46. Timer/Counter 0, Mode 1
Mode 2 (8-Bit Timer/Counter with Autoreload)
Mode 2 configures the timer register as an 8-bit counter (TL0)
with automatic reload, as shown in Figure 47. Overflow from
TL0 not only sets TF0, but also reloads TL0 with the contents
of TH0, which is preset by software. The reload leaves TH0
unchanged.
CONTROL
TF0
TL0
(8 BITS)
INTERRUPT
RELOAD
TH0
(8 BITS)
12
CORE
CLK
P3.4/T0
GATE
P3.2/
INT0
TR0
C/
T = 0
C/
T = 1
Figure 47. Timer/Counter 0, Mode 2
Mode 3 (Two 8-Bit Timer/Counters)
Mode 3 has different effects on Timer 0 and Timer 1. Timer 1 in
Mode 3 simply holds its count. The effect is the same as setting
TR1 = 0. Timer 0 in Mode 3 establishes TL0 and TH0 as two
separate counters. This configuration is shown in Figure 50.
TL0 uses the Timer 0 control bits: C/T, Gate, TR0,
INT0, and
TF0. TH0 is locked into a timer function (counting machine
cycles) and takes over the use of TR1 and TF1 from Timer 1.
Thus, TH0 now controls the Timer 1 interrupt. Mode 3 is
provided for applications requiring an extra 8-bit timer or counter.
When Timer 0 is in Mode 3, Timer 1 can be turned on and off
by switching it out of, and into, its own Mode 3, or can still be
used by the serial interface as a baud rate generator. In fact, it can
be used in any application not requiring an interrupt from
Timer 1 itself.
CONTROL
TF0
TL0
(8 BITS)
INTERRUPT
12
CORE
CLK
P3.4/T0
GATE
P3.2/
INT0
TR0
C/
T = 0
C/
T = 1
CORE
CLK/12
TF1
TH0
(8 BITS)
INTERRUPT
CORE
CLK/12
TR1
Figure 48. Timer/Counter 0, Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com