| Electronic Components Datasheet Search |
|
ADUC831BCP Datasheet(PDF) 49 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADUC831BCP Datasheet(HTML) 49 Page - Analog Devices |
|
49 / 76 page ![]() REV. 0 ADuC831 –49– MCO I2CM SFR BITS 50ns GLITCH REJECTION FILTER HARDWARE I2C (SLAVE ONLY) Q3 Q4 SCLOCK PIN Q2 Q1 (OFF) DVDD SPE = 0 (I2C ENABLE) Figure 42. SCLOCK Pin I/O Functional Equivalent in I 2C Mode HARDWARE SPI (MASTER/SLAVE) Q3 Q1 Q2 (OFF) DVDD SDATA/ MOSI PIN Q4 (OFF) SPE = 1 (SPI ENABLE) Figure 43. SDATA/MOSI Pin I/O Functional Equivalent in SPI Mode Q3 Q4 Q2 Q1 (OFF) DVDD MDI MDO MDE I2CM HARDWARE I2C (SLAVE ONLY) 50ns GLITCH REJECTION FILTER SDATA/ MOSI PIN SFR BITS SPE = 0 (I2C ENABLE) Figure 44. SDATA/MOSI Pin I/O Functional Equivalent in I 2C Mode MISO is shared with P3.3 and as such has the same configuration as shown in Figure 40. Read-Modify-Write Instructions Some 8051 instructions that read a port read the latch, and others read the pin. The instructions that read the latch rather than the pins are the ones that read a value, possibly change it, and then rewrite it to the latch. These are called “read-modify- write” instructions. Listed below are the read-modify-write instructions. When the destination operand is a port, or a port bit, these instructions read the latch rather than the pin. ANL (Logical AND, e.g., ANL P1, A) ORL (Logical OR, e.g., ORL P2, A) XRL (Logical EX-OR, e.g., XRL P3, A) JBC (Jump if Bit = 1 and Clear Bit, e.g., JBC P1.1, LABEL) CPL (Complement Bit, e.g., CPL P3.0) INC (Increment, e.g., INC P2) DEC (Decrement, e.g., DEC P2) DJNZ (Decrement and Jump if Not Zero, e.g., DJNZ P3, LABEL) MOV PX.Y, C * (Move Carry to Bit Y of Port X) CLR PX.Y * (Clear Bit Y of Port X) SETB PX.Y * (Set Bit Y of Port X) The reason that read-modify-write instructions are directed to the latch rather than the pin is to avoid a possible misinterpretation of the voltage level of a pin. For example, a port pin might be used to drive the base of a transistor. When a 1 is written to the bit, the transistor is turned on. If the CPU then reads the same port bit at the pin rather than the latch, it will read the base voltage of the transistor and interpret it as a logic 0. Reading the latch rather than the pin will return the correct value of 1. *These instructions read the port byte (all 8 bits), modify the addressed bit, and then write the new byte back to the latch. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |