Electronic Components Datasheet Search
  English  ▼

X  

ADUC831BCP Datasheet(PDF) 76 Page - Analog Devices

Part # ADUC831BCP
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC831BCP Datasheet(HTML) 76 Page - Analog Devices

Back Button ADUC831BCP Datasheet HTML 68Page - Analog Devices ADUC831BCP Datasheet HTML 69Page - Analog Devices ADUC831BCP Datasheet HTML 70Page - Analog Devices ADUC831BCP Datasheet HTML 71Page - Analog Devices ADUC831BCP Datasheet HTML 72Page - Analog Devices ADUC831BCP Datasheet HTML 73Page - Analog Devices ADUC831BCP Datasheet HTML 74Page - Analog Devices ADUC831BCP Datasheet HTML 75Page - Analog Devices ADUC831BCP Datasheet HTML 76Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 76 / 76 page
background image
REV. 0
–76–
ADuC831
OUTLINE DIMENSIONS
52-Lead Plastic Quad Flatpack [MQFP]
(S-52)
Dimensions shown in millimeters
SEATING
PLANE
VIEW A
0.23
0.11
2.45
MAX
1.03
0.88
0.73
TOP VIEW
(PINS DOWN)
1
39
40
13
14
27
26
52
PIN 1
0.65 BSC
14.15
13.90 SQ
13.65
7.80
REF
10.20
10.00 SQ
9.80
0.38
0.22
VIEW A
ROTATED 90 CCW
7
0
2.10
2.00
1.95
0.10 MIN
COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-112-AC-1
56-Lead Frame Chip Scale Package [LFCSP]
8
8 mm Body
(CP-56)
Dimensions shown in millimeters
PIN 1
INDICATOR
TOP
VIEW
7.75
BSC SQ
8.00
BSC SQ
1
56
14
15
43
42
28
29
BOTTOM
VIEW
6.25
6.10
5.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
12 MAX
0.25
REF
0.70 MAX
0.65 NOM
1.00
0.90
0.80
6.50
REF
SEATING
PLANE
0.10 MAX
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COMPLIANT TO JEDEC STANDARDS MO-220-VLLD-2
COPLANARITY
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com