Electronic Components Datasheet Search
  English  ▼

X  

NSC800N Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button NSC800N Datasheet HTML 58Page - National Semiconductor (TI) NSC800N Datasheet HTML 59Page - National Semiconductor (TI) NSC800N Datasheet HTML 60Page - National Semiconductor (TI) NSC800N Datasheet HTML 61Page - National Semiconductor (TI) NSC800N Datasheet HTML 62Page - National Semiconductor (TI) NSC800N Datasheet HTML 63Page - National Semiconductor (TI) NSC800N Datasheet HTML 64Page - National Semiconductor (TI) NSC800N Datasheet HTML 65Page - National Semiconductor (TI) NSC800N Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
1215 Instruction Set Alphabetical Order (Continued)
RES
2 A
CB 97
RES
2 B
CB 90
RES
2 C
CB 91
RES
2 D
CB 92
RES
2 E
CB 93
RES
2 H
CB 94
RES
2 L
CB 95
RES
3 (HL)
CB 9E
RES
3 (IXad)
DD CBd9E
RES
3 (IYad)
FD CBd9E
RES
3 A
CB 9F
RES
3 B
CB 98
RES
3 C
CB 99
RES
3 D
CB 9A
RES
3 E
CB 9B
RES
3 H
CB 9C
RES
3 L
CB 9D
RES
4 (HL)
CB A6
RES
4 (IXad)
DD CBdA6
RES
4 (IYad)
FD CBdA6
RES
4 A
CB A7
RES
4 B
CB A0
RES
4 C
CB A1
RES
4 D
CB A2
RES
4 E
CB A3
RES
4 H
CB A4
RES
4 L
CB A5
RES
5 (HL)
CB AE
RES
5 (IXad)
DD CBdAE
RES
5 (IYad)
FD CBdAE
RES
5 A
CB AF
RES
5 B
CB A8
RES
5 C
CB A9
RES
5 D
CB AA
RES
5 E
CB AB
RES
5 H
CB AC
RES
5 L
CB AD
RES
6 (HL)
CB B6
RES
6 (IXad)
DD CBdB6
RES
6 (IYad)
FD CBdB6
RES
6 A
CB B7
RES
6 B
CB B0
RES
6 C
CB B1
RES
6 D
CB B2
RES
6 E
CB B3
RES
6 H
CB B4
RES
6 L
CB B5
RES
7 (HL)
CB BE
RES
7 (IXad)
DD CBdBE
RES
7 (IYad)
FD CBdBE
RES
7 A
CB BF
RES
7 B
CB B8
RES
7 C
CB B9
RES
7 D
CB BA
RES
7 E
CB BB
RES
7 H
CB BC
RES
7 L
CB BD
RET
C9
RET
C
D8
RET
M
F8
RET
NC
D0
RET
NZ
C0
RET
P
F0
RET
PE
E8
RET
PO
E0
RET
Z
C8
RETI
ED 4D
RETN
ED 45
RL
(HL)
CB 16
RL
(IXad)
DD CBd16
RL
(IYad)
FD CBd16
RL
A
CB 17
RL
B
CB 10
RL
C
CB 11
RL
D
CB 12
RL
E
CB 13
RL
H
CB 14
RL
L
CB 15
RLA
17
RLC
(HL)
CB 06
RLC
(IXad)
DD CBd06
RLC
(IYad)
FD CBd06
RLC
A
CB 07
RLC
B
CB 00
RLC
C
CB 01
RLC
D
CB 02
RLC
E
CB 03
RLC
H
CB 04
RLC
L
CB 05
RLCA
07
RLD
ED 6F
RR
(HL)
CB 1E
RR
(IXad)
DD CBd1E
RR
(IYad)
FD CBd1E
RR
A
CB 1F
RR
B
CB 18
RR
C
CB 19
RR
D
CB 1A
RR
E
CB 1B
RR
H
CB 1C
RR
L
CB 1D
RRA
1F
RRC
(HL)
CB OE
RRC
(IXad)
DD CBd0E
RRC
(IYad)
FD CBd0E
RRC
A
CB 0F
(nn)eAddress of memory location
designed displacement
nneData (16 bit)
d2edb2
neData (8 bit)
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com