Electronic Components Datasheet Search
  English  ▼

X  

NSC800N Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button NSC800N Datasheet HTML 62Page - National Semiconductor (TI) NSC800N Datasheet HTML 63Page - National Semiconductor (TI) NSC800N Datasheet HTML 64Page - National Semiconductor (TI) NSC800N Datasheet HTML 65Page - National Semiconductor (TI) NSC800N Datasheet HTML 66Page - National Semiconductor (TI) NSC800N Datasheet HTML 67Page - National Semiconductor (TI) NSC800N Datasheet HTML 68Page - National Semiconductor (TI) NSC800N Datasheet HTML 69Page - National Semiconductor (TI) NSC800N Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
1216 Instruction Set Numerical Order (Continued)
Op Code
Mnemonic
CB13
RL E
CB14
RL H
CB15
RL L
CB16
RL (HL)
CB17
RL A
CB18
RR B
CB19
RR C
CB1A
RR D
CB1B
RR E
CB1C
RR H
CB1D
RR L
CB1E
RR (HL)
CB1F
RR A
CB20
SLA B
CB21
SLA C
CB22
SLA D
CB23
SLA E
CB24
SLA H
CB25
SLA L
CB26
SLA (HL)
CB27
SLA A
CB28
SRA B
CB29
SRA C
CB2A
SRA D
CB2B
SRA E
CB2C
SRA H
CB2D
SRA L
CB2E
SRA (HL)
CB2F
SRA A
CB38
SRL B
CB39
SRL C
CB3A
SRL D
CB3B
SRL E
CB3C
SRL H
CB3D
SRL L
CB3E
SRL (HL)
CB3F
SRL A
CB40
BIT 0B
CB41
BIT 0C
CB42
BIT 0D
CB43
BIT 0E
CB44
BIT 0H
CB45
BIT 0L
CB46
BIT 0(HL)
CB47
BIT 0A
CB48
BIT 1B
CB49
BIT 1C
CB4A
BIT 1D
CB4B
BIT 1E
CB4C
BIT 1H
CB4D
BIT 1L
CB4E
BIT 1(HL)
Op Code
Mnemonic
CB4F
BIT 1A
CB50
BIT 2B
CB51
BIT 2C
CB52
BIT 2D
CB53
BIT 2E
CB54
BIT 2H
CB55
BIT 2L
CB56
BIT 2(HL)
CB57
BIT 2A
CB58
BIT 3B
CB59
BIT 3C
CB5A
BIT 3D
CB5B
BIT 3E
CB5C
BIT 3H
CB5D
BIT 3L
CB5E
BIT 3(HL)
CB5F
BIT 3A
CB60
BIT 4B
CB61
BIT 4C
CB62
BIT 4D
CB63
BIT 4E
CB64
BIT 4H
CB65
BIT 4L
CB66
BIT 4(HL)
CB67
BIT 4A
CB68
BIT 5B
CB69
BIT 5C
CB6A
BIT 5D
CB6B
BIT 5E
CB6C
BIT 5H
CB6D
BIT 5L
CB6E
BIT 5(HL)
CB6F
BIT 5A
CB70
BIT 6B
CB71
BIT 6C
CB72
BIT 6D
CB73
BIT 6E
CB74
BIT 6H
CB75
BIT 6L
CB76
BIT 6(HL)
CB77
BIT 6A
CB78
BIT 7B
CB79
BIT 7C
CB7A
BIT 7D
CB7B
BIT 7E
CB7C
BIT 7H
CB7D
BIT 7L
CB7E
BIT 7(HL)
CB7F
BIT 7A
CB80
RES 0B
CB81
RES 0C
CB82
RES 0D
Op Code
Mnemonic
CB83
RES 0E
CB84
RES 0H
CB85
RES 0L
CB86
RES 0(HL)
CB87
RES 0A
CB88
RES 1B
CB89
RES 1C
CB8A
RES 1D
CB8B
RES 1E
CB8C
RES 1H
CB8D
RES 1L
CB8E
RES 1(HL)
CB8F
RES 1A
CB90
RES 2B
CB91
RES 2C
CB92
RES 2D
CB93
RES 2E
CB94
RES 2H
CB95
RES 2L
CB96
RES 2(HL)
CB97
RES 2A
CB98
RES 3B
CB99
RES 3C
CB9A
RES 3D
CB9B
RES 3E
CB9C
RES 3H
CB9D
RES 3L
CB9E
RES 3(HL)
CB9F
RES 3A
CBA0
RES 4B
CBA1
RES 4C
CBA2
RES 4D
CBA3
RES 4E
CBA4
RES 4H
CBA5
RES 4L
CBA6
RES 4(HL)
CBA7
RES 4A
CBA8
RES 5B
CBA9
RES 5C
CBAA
RES 5D
CBAB
RES 5E
CBAC
RES 5H
CBAD
RES 5L
CBAE
RES 5(HL)
CBAF
RES 5A
CBB0
RES 6B
CBB1
RES 6C
CBB2
RES 6D
CBB3
RES 6E
CBB4
RES 6H
CBB5
RES 6L
CBB6
RES 6(HL)
(nn)eAddress of memory location
dedisplacement
nneData (16 bit)
d2edb2
neData (8-bit)
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com