Electronic Components Datasheet Search
  English  ▼

X  

NSC800N Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button NSC800N Datasheet HTML 59Page - National Semiconductor (TI) NSC800N Datasheet HTML 60Page - National Semiconductor (TI) NSC800N Datasheet HTML 61Page - National Semiconductor (TI) NSC800N Datasheet HTML 62Page - National Semiconductor (TI) NSC800N Datasheet HTML 63Page - National Semiconductor (TI) NSC800N Datasheet HTML 64Page - National Semiconductor (TI) NSC800N Datasheet HTML 65Page - National Semiconductor (TI) NSC800N Datasheet HTML 66Page - National Semiconductor (TI) NSC800N Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 76 page
background image
1215 Instruction Set Alphabetical Order (Continued)
RRC
B
CB 08
RRC
C
CB 09
RRC
D
CB 0A
RRC
E
CB 0B
RRC
H
CB 0C
RRC
L
CB 0D
RRCA
0F
RRD
ED 67
RST
0
C7
RST
08H
CF
RST
10H
D7
RST
18H
DF
RST
20H
E7
RST
28H
EF
RST
30H
F7
RST
38H
FF
SBC
A (HL)
9E
SBC
A (IXad)
DD 9Ed
SBC
A (IYad)
FD 9Ed
SBC
A A
9F
SBC
A B
98
SBC
A C
99
SBC
A D
9A
SBC
A E
9B
SBC
A H
9C
SBC
A L
9D
SBC
A n
DE n
SBC
HL BC
ED 42
SBC
HL DE
ED 52
SBC
HL HL
ED 62
SBC
HL SP
ED 72
SCF
37
SET
0 (HL)
CB C6
SET
0 (IXad)
DD CBdC6
SET
0 (IYad)
FD CBdC6
SET
0 A
CB C7
SET
0 B
CB C0
SET
0 C
CB C1
SET
0 D
CB C2
SET
0 E
CB C3
SET
0 H
CB C4
SET
0 L
CB C5
SET
1 (HL)
CB CE
SET
1 (IXad)
DD CBdCE
SET
1 (IYad)
FD CBdCE
SET
1 A
CB CF
SET
1 B
CB C8
SET
1 C
CB C9
SET
1 D
CB CA
SET
1 E
CB CB
SET
1 H
CB CC
SET
1 L
CB CD
SET
2 (HL)
CB D6
SET
2 (IXad)
DD CBdD6
SET
2 (IYad)
FD CBdD6
SET
2 A
CB D7
SET
2 B
CB D0
SET
2 C
CB D1
SET
2 D
CB D2
SET
2 E
CB D3
SET
2 H
CB D4
SET
2 L
CB D5
SET
3 (HL)
CB DE
SET
3 (IXad)
DD CBdDE
SET
3 (IYad)
FD CBdDE
SET
3 A
CB DF
SET
3 B
CB D8
SET
3 C
CB D9
SET
3 D
CB DA
SET
3 E
CB DB
SET
3 H
CB DC
SET
3 L
CB DD
SET
4 (HL)
CB E6
SET
4 (IXad)
DD CBdE6
SET
4 (IYad)
FD CBdE6
SET
4 A
CB E7
SET
4 B
CB E0
SET
4 C
CB E1
SET
4 D
CB E2
SET
4 E
CB E3
SET
4 H
CB E4
SET
4 L
CB E5
SET
5 (HL)
CB EE
SET
5 (IXad)
DD CBdEE
SET
5 (IYad)
FD CBdEE
SET
5 A
CB EF
SET
5 B
CB E8
SET
5 C
CB E9
SET
5 D
CB EA
SET
5 E
CB EB
SET
5 H
CB EC
SET
5 L
CB ED
SET
6 (HL)
CB F6
SET
6 (IXad)
DD CBdF6
SET
6 (IYad)
FD CBdF6
SET
6 A
CB F7
SET
6 B
CB F0
SET
6 C
CB F1
SET
6 D
CB F2
SET
6 E
CB F3
SET
6 H
CB F4
SET
6 L
CB F5
SET
7 (HL)
CB FE
SET
7 (IXad)
DD CBdFE
SET
7 (IYad)
FD CBdFE
SET
7 A
CB FF
(nn)eAddress of memory location
dedisplacement
nneData (16 bit)
d2edb2
neData (8 bit)
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com