Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 193 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 193 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 189Page - National Semiconductor (TI) PC87307 Datasheet HTML 190Page - National Semiconductor (TI) PC87307 Datasheet HTML 191Page - National Semiconductor (TI) PC87307 Datasheet HTML 192Page - National Semiconductor (TI) PC87307 Datasheet HTML 193Page - National Semiconductor (TI) PC87307 Datasheet HTML 194Page - National Semiconductor (TI) PC87307 Datasheet HTML 195Page - National Semiconductor (TI) PC87307 Datasheet HTML 196Page - National Semiconductor (TI) PC87307 Datasheet HTML 197Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 218 page
background image
193
Device Description
www.national.com
13.3.3
Microprocessor Interface Timing
TABLE 13-37. Microprocessor Interface Timing
a. Not tested. Guaranteed by design.
Symbol
Parameter
Min
Max
Unit
tAR
Valid Address to Read Active
18
nsec
tAW
Valid Address to Write Active
18
nsec
tDH
Data Hold
0
nsec
tDS
Data Setup
18
nsec
tHZ
Read to Floating Data Bus a
13
25
nsec
tPS
Port Setup
10
nsec
tRA
Address Hold from Inactive Read
0
nsec
tRCU
Read Cycle Update a
45
nsec
tRD
Read Strobe Width
60
nsec
tRDH
Read Data Hold
10
nsec
tRI
Read Strobe to Clear FDC IRQ
55
nsec
tRVD
Active Read to Valid Data
55
nsec
tWA
Address Hold from Inactive Write
0
nsec
tWCU
Write Cycle Update a
45
nsec
tWI
Write Strobe to Clear FDC IRQ
55
nsec
tWO
Write Data to Port Update
60
nsec
tWR
Write Strobe Width
60
nsec
RC
Read Cycle = tAR + tRD + tRCU
a
123
nsec
WC
Write Cycle = tAW + tWR + tWC
a
123
nsec
tWRR
RD low after WR high a
80
nsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com