Electronic Components Datasheet Search
  English  ▼

X  

PC87307 Datasheet(PDF) 195 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87307 Datasheet(HTML) 195 Page - National Semiconductor (TI)

Back Button PC87307 Datasheet HTML 191Page - National Semiconductor (TI) PC87307 Datasheet HTML 192Page - National Semiconductor (TI) PC87307 Datasheet HTML 193Page - National Semiconductor (TI) PC87307 Datasheet HTML 194Page - National Semiconductor (TI) PC87307 Datasheet HTML 195Page - National Semiconductor (TI) PC87307 Datasheet HTML 196Page - National Semiconductor (TI) PC87307 Datasheet HTML 197Page - National Semiconductor (TI) PC87307 Datasheet HTML 198Page - National Semiconductor (TI) PC87307 Datasheet HTML 199Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 218 page
background image
195
Device Description
www.national.com
FIGURE 13-5. Read After Write Operation to All Registers and RAM
13.3.4
Baud Output Timing
TABLE 13-38. Baud Output Timing
FIGURE 13-6. Baud Output Timing
a. Not tested. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Unit
N
Baud Divisor
1
65535
nsec
tBHD
Baud Output Positive Edge Delay a
CLK = 24 MHz/2, 100 pF load
56
nsec
tBLD
Baud Output Negative Edge Delay a
CLK = 24 MHz/2, 100 pF load
56
nsec
A15-0
D7-0
AEN
WR
(Input)
tWRR
or CS
RD
CLK
BAUD OUT
(÷1)
BAUD OUT
(
÷2)
BAUD OUT
(
÷3)
BAUD OUT
(
÷N, N > 3)
tBLD
tBLD
tBLD
tBLD
tBLD
tBHD
tBHD
tBHD
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com