Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 23Page - National Semiconductor (TI) PC87309 Datasheet HTML 24Page - National Semiconductor (TI) PC87309 Datasheet HTML 25Page - National Semiconductor (TI) PC87309 Datasheet HTML 26Page - National Semiconductor (TI) PC87309 Datasheet HTML 27Page - National Semiconductor (TI) PC87309 Datasheet HTML 28Page - National Semiconductor (TI) PC87309 Datasheet HTML 29Page - National Semiconductor (TI) PC87309 Datasheet HTML 30Page - National Semiconductor (TI) PC87309 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 192 page
background image
Configuration
27
www.national.com
TABLE 2-14. UART1 Configuration Registers - Logical Device 3
TABLE 2-15. Power Management Configuration Registers - Logical Device 4
TABLE 2-16. KBC Configuration Registers for Mouse - Logical Device 5
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00h
00h
Activate.
See also FER1 of the Power Management device
(Logical Device 4).
31h
R/W
00h
00h
I/O Range Check.
60h
R/W
03h
03h
Base Address MSB Register.
Bits 7-3 (for A15-11) are read only, 00000b.
61h
R/W
F8h
F8h
Base Address LSB Register.
Bits 2-0 (for A2-0) are read only as 000b.
70h
R/W
04h
04h
Interrupt Select.
71h
R/W
03h
03h
Interrupt Type.
Bit 1 is read/write. Other bits are read only.
74h
R
04h
04h
Report no DMA Assignment.
75h
R
04h
04h
Report no DMA Assignment.
F0h
R/W
See Section 2.8
No Effect
SuperI/O UART 1 Configuration register.
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00
00
Activate.
When bit 0 is cleared, the registers of this logical
device are not accessible. The registers are
maintained.
31h
R/W
00h
00h
I/O Range Check.
60h
R/W
00h
00h
Base Address MSB register.
Bits 7-3 (for A15-11) are read only, 00000b.
61h
R/W
00h
00h
Base Address LSB Register.
Bit 0 (for A0) is read only 0.
74h
R
04h
04h
Report no DMA assignment.
75h
R
04h
04h
Report no DMA assignment.
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00h
00h
Activate.
When the mouse of the KBC mouse is inactive,
the IRQ selected by the Mouse Interrupt Select
Register (index 70h) is not asserted.
This register has no effect on host KBC
commands handling the PS/2 mouse.
70h
R/W
0Ch
0Ch
Mouse Interrupt (KBC IRQ12 pin) Select.
71h
R/W
02h
02h
Mouse Interrupt Type.
Bits 1,0 are read/write; other bits are read only.
74h
R
04h
04h
Report no DMA assignment.
75h
R
04h
04h
Report no DMA assignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com