Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 56Page - National Semiconductor (TI) PC87309 Datasheet HTML 57Page - National Semiconductor (TI) PC87309 Datasheet HTML 58Page - National Semiconductor (TI) PC87309 Datasheet HTML 59Page - National Semiconductor (TI) PC87309 Datasheet HTML 60Page - National Semiconductor (TI) PC87309 Datasheet HTML 61Page - National Semiconductor (TI) PC87309 Datasheet HTML 62Page - National Semiconductor (TI) PC87309 Datasheet HTML 63Page - National Semiconductor (TI) PC87309 Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
60
www.national.com
3.7.6
The LOCK Command
The LOCK command can be used to keep the FIFO en-
abled and to retain the values of some parameters after a
software reset.
After the command byte of the LOCK command is written,
its result byte must be read before the opcode of the next
command can be read. The LOCK command is not execut-
ed until its result byte is read by the microprocessor.
If the part is reset after the command byte of the LOCK com-
mand is written but before its result byte is read, then the
LOCK command is not executed. This prevents accidental
execution of the LOCK command.
Command Phase
Bit 7 - Control Reset Effect (LOCK)
This bit determines how the FIFO, THRESH, and
PRETRK bits in the CONFIGURE command and, the
FWR, FRD, and BST bits in the MODE command are af-
fected by a software reset.
0: Set default values after a software reset. (Default)
1: Values are unaffected by a software reset.
Execution Phase
Internal register is written.
Result Phase
Bit 4 - Control Reset Effect (LOCK)
Same as bit 7 of opcode in command phase.
3.7.7
The MODE Command
This command selects the special features of the controller.
The bits in the command bytes of the MODE command are
set to their default values after a hardware reset.
Command Phase
Second Command Phase Byte
Bit 0 - Extended Track Range (ETR)
This bit determines how the track number is stored. It is
cleared to 0 after a software reset.
0: Track number is stored as a standard 8-bit value
compatible with the IBM, ISO, and Toshiba Perpen-
dicular formats.
This allows access of up to 256 tracks during a
seek operation. (Default)
1: Track number is stored as a 12-bit value.
The upper four bits of the track value are stored in
the upper four bits of the head number in the sector
address field.
This allows access of up to 4096 tracks during a
seek operation. With this bit set, an extra byte is re-
quired in the SEEK command phase and SENSE
INTERRUPT result phase.
Bits 3,2 - Low-Power Mode (LOW PWR)
These bits determine whether or not the FDC powers
down and, if it does, they specific how long it will take.
These bits disable power down, i.e., are cleared to 0, af-
ter a software reset.
00: Disables power down. (Default)
01: Automatic power down.
At a 500 Kbps data transfer rate, the FDC goes into
low-power mode 512 msec after it becomes idle.
At a 250 Kbps data transfer rate, the FDC goes into
low-power mode 1 second after it becomes idle.
10: Manual power down.
The FDC powers down mode immediately.
11: Not used.
Bit 5 - Implied Seek (IPS)
This bit determines whether the Implied Seek (IPS) bit
in a command phase byte of a read, write, scan, or verify
command is ignored or READ.
A software reset clears this bit to its default value of 0.
0: The IPS bit in the command byte of a read, write,
scan, or verify is ignored. (Default)
Implied seeks can still be enabled by the Enable
Implied Seeks (EIS) bit (bit 6 of the third command
phase byte) in the CONFIGURE command.
1: The IPS bit in the command byte of a read, write,
scan, or verify is read.
If it is set to 1, the controller performs seek and
sense interrupt operations before executing the
command.
Bit 6 - Index Address Format (IAF)
This bit determines whether the controller formats
tracks with or without an index address field.
A software reset clears this bit to its default value of 0.
0: The controller formats tracks with an index address
field. (IBM and Toshiba Perpendicular format).
1: The controller formats tracks without an index ad-
dress field. (ISO format).
Bit 7 - Motor Timer Values (TMR)
This bit determines which group of values to use to cal-
culate the Delay Before Processing and Delay After Pro-
cessing times. The value of each is programmed using
the SPECIFY command, which is described in TABLES
3-23 on page 74 and 3-24 on page 74.
A software reset clears this bit to its default value of 0.
76543210
LOCK
0010100
76543210
0
0
0
LOCK
0000
76543210
00000001
TMR
IAF
IPS
0
LOW PWR
0
ETR
FWR
FRD
BST
R255
0000
DENSEL
BFR
WLD
Head Settle Factor
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com