Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 34Page - National Semiconductor (TI) PC87309 Datasheet HTML 35Page - National Semiconductor (TI) PC87309 Datasheet HTML 36Page - National Semiconductor (TI) PC87309 Datasheet HTML 37Page - National Semiconductor (TI) PC87309 Datasheet HTML 38Page - National Semiconductor (TI) PC87309 Datasheet HTML 39Page - National Semiconductor (TI) PC87309 Datasheet HTML 40Page - National Semiconductor (TI) PC87309 Datasheet HTML 41Page - National Semiconductor (TI) PC87309 Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 192 page
background image
The Floppy Disk Controller (FDC) (Logical Device 0)
38
www.national.com
TABLE 3-1. The FDC Registers and Addresses
The FDC supports two system operation modes: PC-AT
drive mode and PS/2 drive mode (MicroChannel systems).
Section 3.1.2 on page 34 describes each mode and “Bit 2 -
PC-AT or PS/2 Drive Mode Select” on page 28 describes
how each is enabled.
Unless specifically indicated otherwise, all fields in all regis-
ters are valid in both drive modes.
The FDC supports plug and play, as follows:
q
The FDC interrupt can be routed on one of the following
ISA interrupts: IRQ3-IRQ7, IRQ9-IRQ12 and IRQ15
(see PNP2 register).
q
The FDC DMA signals can be routed to one of three 8-
bit ISA DMA channels (see PNP2 register); and its base
address is software configurable (see FBAL and FBAH
registers).
q
Upon reset, the DMA of the FDC is routed to the DRQ2
and DACK2 pins.
3.3.1
Status Register A (SRA)
Status Register A (SRA) monitors the state of assigned IRQ
signal and some of the disk interface signals. SRA is a read-
only register that is valid only in PS/2 drive mode.
SRA can be read at any time while PS/2 drive mode is ac-
tive. In PC-AT drive mode, all bits are in TRI-STATE during
a microprocessor read.
Bit 0 - Head Direction
This bit indicates the direction of the head of the Floppy
Disk Drive (FDD). Its value is the inverse of the value of
the DIR interface output signal.
0: DIR is not active, i.e., the head of the FDD steps
outward. (Default)
1: DIR is active, i.e., the head of the FDD steps inward.
Bit 1 - Write Protect (WP)
This bit indicates whether or not the selected Floppy
Disk Drive (FDD) is write protected. Its value reflects the
status of the WP disk interface input signal.
0: WP is active, i.e., the FDD in the selected drive is
write protected.
1: WP is not active, i.e., the FDD in the selected drive
is not write protected.
Bit 2 - Beginning of Track (INDEX)
This bit indicates the beginning of a track. Its value re-
flects the status of the INDEX disk interface input signal.
0: INDEX is active, i.e., it is the beginning of a track.
1: INDEX is not active, i.e., it is not the beginning of a
track.
Bit 3 - Head Select
This bit indicates which side of the Floppy Disk Drive
(FDD) is selected by the head. Its value is the inverse of
the HDSEL disk interface output signal.
0: HDSEL is not active, i.e., the head of the FDD se-
lects side 0. (Default)
1: HDSEL is active, i.e., the head of the FDD selects
side 1.
Bit 4 - At Track 0 (TRK0)
This bit indicates whether or not the head of the Floppy
Disk Drive (FDD) is at track 0. Its value reflects the sta-
tus of the TRK0 disk interface input signal.
0: TRK0 is active, i.e., the head of the FDD is at track 0.
1: TRK0 is not active, i.e., the head of the FDD is not
at track 0.
Bit 5 - Step
This bit indicates whether or not the head of the Floppy
Disk Drive (FDD) should move during a seek operation.
Its value is the inverse of the STEP disk interface output
signal.
0: STEP is not active, i.e., the head of the FDD
moves. (Default)
1: STEP is active (low), i.e., the head of the FDD does
not move.
Bit 6 - Reserved
Bit 7 - IRQ Pending
This bit signals the completion of the execution phase of
certain FDC commands. Its value reflects the status of
the IRQ signal assigned to the FDC.
0: The IRQ signal assigned to the FDC is not active.
1: The IRQ signal assigned to the FDC is active, i.e.,
the FDD has completed execution of certain FDC
commands.
Symbol
Description
Offset
R/W
A2 A1 A0
SRA
Status Register A
0
0
0
R
SRB
Status Register B
0
0
1
R
DOR
Digital Output Register
0
1
0
R/W
TDR
Tape Drive Register
0
1
1
R/W
MSR
Main Status Register
1
0
0
R
DSR
Data Rate Select Register 1
0
0
W
FIFO
Data Register (FIFO)
1
0
1
R/W
-
(Bus in TRI-STATE)
1
1
0
X
DIR
Digital Input Register
1
1
1
R
CCR
CCR Configuration
Control Register
111
W
76543210
Reset
Required
0
0
0
0
Status Register
A (SRA)
Offset 00h
INDEX
TRK0
Step
Reserved
IRQ Pending
Head Direction
WP
Head Select
PS/2 Drive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com