Electronic Components Datasheet Search
  English  ▼

X  

PC87309 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC87309 Datasheet HTML 6Page - National Semiconductor (TI) PC87309 Datasheet HTML 7Page - National Semiconductor (TI) PC87309 Datasheet HTML 8Page - National Semiconductor (TI) PC87309 Datasheet HTML 9Page - National Semiconductor (TI) PC87309 Datasheet HTML 10Page - National Semiconductor (TI) PC87309 Datasheet HTML 11Page - National Semiconductor (TI) PC87309 Datasheet HTML 12Page - National Semiconductor (TI) PC87309 Datasheet HTML 13Page - National Semiconductor (TI) PC87309 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 192 page
background image
10
Table of Contents
www.national.com
7.2.5
Power Management Control 3 Register (PMC3) ....................................................... 156
7.3
POWER MANAGEMENT REGISTER BITMAPS .................................................................... 157
8.0
Mouse and Keyboard Controller (KBC) (Logical Devices 5 and 6)
8.1
SYSTEM ARCHITECTURE ..................................................................................................... 158
8.2
FUNCTIONAL OVERVIEW ..................................................................................................... 159
8.3
DEVICE CONFIGURATION .................................................................................................... 159
8.3.1
I/O Address Space .................................................................................................... 159
8.3.2
Interrupt Request Signals .......................................................................................... 159
8.3.3
KBC Clock ................................................................................................................. 161
8.3.4
Timer or Event Counter ............................................................................................. 161
8.4
EXTERNAL I/O INTERFACES ................................................................................................ 161
8.4.1
Keyboard and Mouse Interface ................................................................................. 161
8.4.2
General Purpose I/O Signals ..................................................................................... 162
8.5
INTERNAL KBC - PC87309 INTERFACE ............................................................................... 163
8.5.1
The KBC DBBOUT Register, Offset 60h, Read Only ................................................ 163
8.5.2
The KBC DBBIN Register, Offset 60h (F1 Clear) or 64h (F1 Set), Write Only .......... 163
8.5.3
The KBC STATUS Register ...................................................................................... 163
8.6
INSTRUCTION TIMING ........................................................................................................... 163
9.0
Interrupt and DMA Mapping
9.1
IRQ MAPPING ......................................................................................................................... 164
9.2
DMA MAPPING ....................................................................................................................... 164
10.0
Device Specifications
10.1
GENERAL DC ELECTRICAL CHARACTERISTICS ............................................................... 165
10.1.1
Recommended Operating Conditions ....................................................................... 165
10.1.2
Absolute Maximum Ratings ....................................................................................... 165
10.1.3
Capacitance ............................................................................................................... 165
10.1.4
Power Consumption under Recommended Operating Conditions ............................ 165
10.2
DC CHARACTERISTICS OF PINS, BY GROUP .................................................................... 166
10.2.1
Group 1 ...................................................................................................................... 166
10.2.2
Group 2 ...................................................................................................................... 166
10.2.3
Group 3 ...................................................................................................................... 166
10.2.4
Group 4 ...................................................................................................................... 167
10.2.5
Group 5 ...................................................................................................................... 167
10.2.6
Group 6 ...................................................................................................................... 167
10.2.7
Group 7 ...................................................................................................................... 168
10.2.8
Group 8 ...................................................................................................................... 168
10.2.9
Group 9 ...................................................................................................................... 169
10.2.10 Group 10 .................................................................................................................... 169
10.2.11 Group 11 .................................................................................................................... 169
10.2.12 Group 12 .................................................................................................................... 169
10.2.13 Group 13 .................................................................................................................... 170
10.2.14 Group 14 .................................................................................................................... 170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com